Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2433T-R

  • AI
    ## Overview of the SE2433T-R The **SE2433T-R** is a high-performance, fully integrated RF Front-End Module (FEM) designed specifically for ZigBee, Smart Energy, and 2.4 GHz ISM band applications. It is manufactured by Skyworks Solutions. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 2400 MHz to 2483.5 MHz | | **Supply Voltage** | 2.0 V to 3.6 V | | **Output Power (Pout)** | +21 dBm (Nominal) | | **Gain (Transmit)** | 25 dB | | **Noise Figure (Receive)** | 2.0 dB | | **Package Type** | 24-pin QFN (3.0 mm x 3.0 mm x 0.9 mm) | --- ### Internal Functional Blocks The SE2433T-R integrates several critical electronic components into a single silicon die/package to simplify RF design: 1. **Power Amplifier (PA):** Boosts the transmit signal to provide long-range connectivity. 2. **Low Noise Amplifier (LNA):** Enhances receiver sensitivity by amplifying weak incoming signals while adding minimal noise. 3. **Antenna Switches:** Integrated SPDT (Single Pole Double Throw) switches to toggle between Transmit (TX) and Receive (RX) modes. 4. **Harmonic Filters:** Built-in low-pass filtering to ensure compliance with FCC/ETSI harmonic emission regulations. 5. **Digital Controls:** Logic pins that allow a microcontroller to switch the module between Shutdown, RX, and TX modes. --- ### Pin Configuration (Common Interfaces) | Pin Type | Description | | :--- | :--- | | **VCC** | Positive supply voltage for the PA and LNA. | | **TXEN / RXEN** | Digital control pins used to enable the Transmit or Receive paths. | | **ANT** | The 50-ohm antenna port. | | **TX_IN / RX_OUT** | RF input for transmission and output for received signals. | --- ### Typical Applications * **Smart Grid / Smart Energy:** Smart meters (Electricity, Gas, Water). * **Home Automation:** ZigBee-enabled lighting and security systems. * **Industrial:** Wireless sensor networks and M2M communication. * **Range Extension:** Used when standard SoC (System on Chip) output power is insufficient for the desired range.
    ✨ Follow-up Questions
    • ⤷ What are the typical power consumption levels in TX vs RX mode for the SE2433T-R?
    • ⤷ Does this module require external impedance matching components on the RF pins?
    • ⤷ How does the SE2433T-R compare to the SE2435L in terms of performance?