Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2436L-R

  • AI
    ### SE2436L-R: High-Performance ZigBee/Smart Energy Front-End Module The **SE2436L-R** is a highly integrated Front-End Module (FEM) designed specifically for ZigBee, IEEE 802.15.4, and Smart Energy applications. It is manufactured by Skyworks Solutions and is optimized for battery-powered applications requiring high efficiency and long range. --- ### 1. Key Internal Components The SE2436L-R integrates several critical radio frequency (RF) components into a single compact package: | Component | Function | | :--- | :--- | | **Power Amplifier (PA)** | Boosts the output signal for high-power transmission. | | **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while adding minimal noise. | | **Transmit/Receive (T/R) Switch** | Switches the antenna between the transmit and receive paths. | | **Matching Networks** | Ensures impedance matching (50 $\Omega$) for maximum power transfer. | | **Harmonic Filter** | Suppresses unwanted frequency emissions to meet regulatory standards. | --- ### 2. Technical Specifications Below are the primary electrical characteristics of the device: | Parameter | Value | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.483 GHz | | **Operating Voltage ($V_{CC}$)** | 2.0V to 3.6V | | **Output Power ($P_{OUT}$)** | Up to +24 dBm (at 3.0V) | | **Receive Gain** | ~12 dB | | **Receive Noise Figure** | 2.0 dB (typical) | | **Sleep Current** | < 1 $\mu$A | --- ### 3. Functional Logic and Control The module is controlled via two digital pins (**CTX** and **CPS**) which define the state of the FEM. ```c // Simplified Logic State Table // CTX | CPS | Mode // ----|-----|------------------- // 0 | 0 | Sleep Mode // 0 | 1 | Receive (LNA) Mode // 1 | X | Transmit (PA) Mode ``` --- ### 4. Typical Application Circuit In a hardware design, the SE2436L-R is placed between the SoC (System on Chip) and the Antenna. 1. **RF_IN:** Connects to the ZigBee transceiver output. 2. **ANT:** Connects to the 2.4GHz antenna via a matching circuit. 3. **VCC/VDD:** Requires decoupling capacitors (typically 10pF and 1µF) to minimize power supply noise. 4. **Control Pins:** Usually connected to the GPIOs of a microcontroller (like an EFR32 or CC2538). --- ### 5. Benefits of Using SE2436L-R * **Reduced Footprint:** Replaces multiple discrete components with one 3x4mm QFN package. * **Battery Efficiency:** Low current consumption in receive and sleep modes extends battery life in smart meters/sensors. * **Ease of Design:** The internal matching simplifies the RF layout process for engineers.
    ✨ Follow-up Questions
    • ⤷ What are the layout requirements for the thermal pad on the SE2436L-R?
    • ⤷ How does the output power change when operating at 2.0V versus 3.6V?
    • ⤷ Is the SE2436L-R pin-compatible with other Skyworks FEMs?