SE2528L-R
AI

## Overview of the SE2528L-R
The **SE2528L-R** is a highly integrated Power Amplifier (PA) designed specifically for **IEEE 802.11b/g/n** WLAN (Wi-Fi) applications. It is part of the Skyworks (formerly SiGe Semiconductor) product line, optimized for 2.4 GHz frequency bands.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz to 2.5 GHz |
| **Output Power (802.11g)** | +18 dBm @ 3% EVM |
| **Output Power (802.11b)** | +23 dBm (meets ACPR mask) |
| **Gain** | 32 dB (Typical) |
| **Supply Voltage (Vcc)** | 3.0V to 5.0V |
| **Package Type** | 8-pin QFN (2mm x 2mm x 0.9mm) |
---
### Core Electronic Components & Architecture
The SE2528L-R integrates several critical stages into a single silicon die to reduce the Bill of Materials (BOM) for hardware engineers:
#### 1. Three-Stage Power Amplifier
The device uses a three-stage design to achieve high gain (32 dB). This allows the chip to take a very low-power input signal from a Wi-Fi chipset and amplify it to a level suitable for antenna transmission without requiring additional external gain blocks.
#### 2. Power Detector
It features an integrated **temperature-compensated power detector**. This component provides a DC voltage proportional to the RF output power.
* **Purpose:** It allows the system's closed-loop power control to maintain consistent transmission levels regardless of temperature fluctuations or battery voltage drops.
* **Dynamic Range:** It usually offers a 20 dB dynamic range.
#### 3. Impedance Matching
* **Input Matching:** The input is internally matched to 50 $\Omega$.
* **Output Matching:** The output requires minimal external components to match to 50 $\Omega$, simplifying PCB layout.
#### 4. Enable/Disable Function (EN Pin)
The device includes a logic-level control pin.
* **Power Save:** When the Wi-Fi is not transmitting, the EN pin can be pulled low to put the device into a low-current sleep state (typically < 10 $\mu$A).
---
### Typical Application Circuit Requirements
While the SE2528L-R is highly integrated, it requires a few external passive components for optimal performance:
```markdown
1. Decoupling Capacitors: Placed on Vcc pins to filter high-frequency noise.
2. Inductors/Chokes: Used for DC biasing on the output stage.
3. Output Matching Network: Usually a combination of 2-3 capacitors and inductors to minimize signal reflection.
```
### Advantages for Design Engineers
* **Small Footprint:** The 2x2mm QFN package is ideal for mobile devices and small USB dongles.
* **Direct Battery Connection:** Can operate directly from a lithium-ion battery (up to 5V).
* **High Linearity:** Low Error Vector Magnitude (EVM) ensures high data rates (64QAM) are maintained.
---
- ⤷
What is the pinout configuration for the SE2528L-R?
- ⤷ How does the power detector voltage correlate to the RF output power?
- ⤷ What are the recommended thermal relief practices for the QFN package ground pad?