Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2565T-R

  • AI
    ### Overview of the SE2565T-R The **SE2565T-R** is a high-performance **2.4 GHz Power Amplifier (PA)** specifically designed for IEEE 802.11b/g/n (Wi-Fi) wireless LAN applications. It is manufactured by Skyworks Solutions and is known for its compact size and efficiency in mobile and portable devices. --- ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Protocol Support** | IEEE 802.11b, 802.11g, 802.11n | | **Output Power** | +20 dBm at 3% EVM (802.11g) | | **Supply Voltage (VCC)** | 3.0V to 4.2V | | **Input/Output Impedance** | Internally matched to 50 $\Omega$ | | **Package Type** | 16-pin QFN (3mm x 3mm x 0.9mm) | --- ### Core Components & Features 1. **Power Detector:** The chip includes an integrated temperature-compensated power detector. This allows the system to monitor the output power accurately to maintain link stability and comply with regulatory emission limits. 2. **Internal Matching:** The device is internally matched to **50 Ohms** for both input and output. This significantly reduces the need for external surface-mount components (inductors and capacitors), saving PCB real estate. 3. **Enable Pin (EN):** It features a logic-level control pin that allows the amplifier to be powered down when not in use. This "sleep mode" is critical for extending battery life in mobile devices. 4. **Linearity:** The SE2565T-R is optimized for high linearity. This is essential for modern Wi-Fi modulations (like OFDM) to ensure that data packets are transmitted without distortion (low Error Vector Magnitude - EVM). --- ### Typical Application Circuit (Block Diagram Logic) When integrating the SE2565T-R into a circuit, the layout generally follows this structure: ```text [Wi-Fi Chipset] ----> [Input Match] ----> [SE2565T-R] ----> [Low Pass Filter] ----> [Antenna] | [Power Detector Output] ----> [ADC/MCU] ``` ### Common Applications * Smartphones and Tablets * PC Cards and PCMCIA adapters * Wireless Access Points and Routers * Embedded Wi-Fi modules for IoT ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of internal 50-ohm matching in RF design?
    • ⤷ How does the Error Vector Magnitude (EVM) affect Wi-Fi signal quality?
    • ⤷ What is the role of the temperature-compensated power detector in this chip?