Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2571U-R

  • AI
    ## Overview of the SE2571U-R The **SE2571U-R** is a high-performance **2.4 GHz Front-End Module (FEM)** developed by Skyworks Solutions. It is specifically designed for high-power 802.11b/g/n WLAN (Wi-Fi) applications. Its primary function is to amplify signals and manage the switching between transmit (TX) and receive (RX) modes within a wireless device. --- ### Core Components and Functionality The SE2571U-R integrates several critical radio frequency (RF) components into a single, compact package: | Component | Description | | :--- | :--- | | **Power Amplifier (PA)** | Amplifies the outgoing Wi-Fi signal to ensure maximum range and data rate. | | **Power Detector** | Provides a closed-loop feedback mechanism to monitor and control output power accuracy. | | **T/R Switch** | A Transmit/Receive switch that toggles the antenna between the PA (transmit) and the LNA/Radio (receive). | | **Harmonic Filter** | Suppresses unwanted frequencies to comply with FCC/ETSI electromagnetic interference regulations. | --- ### Key Technical Specifications The performance of the SE2571U-R is characterized by its high linear output power and efficiency. | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 2.4 GHz - 2.5 GHz | | **Output Power (802.11g)** | +23 dBm @ 3% EVM | | **Output Power (802.11b)** | +26 dBm (Mask compliant) | | **Supply Voltage (VCC)** | 3.3V to 5.0V | | **Gain** | ~28 dB | | **Package Size** | 3mm x 3mm x 0.9mm (QFN) | --- ### Application Usage This part is typically found in hardware that requires long-range or robust 2.4 GHz Wi-Fi connectivity: * **Access Points / Routers:** To provide wide coverage across homes or offices. * **Outdoor Units:** Due to its high power output capabilities. * **PC Cards / USB Dongles:** Its small form factor allows for integration into portable devices. --- ### Pin Configuration (General Logic) ```yaml Pin Type: - VCC: Power supply for the amplifier stages. - VDET: Output voltage proportional to the RF output power. - TXEN: Enable pin for the Transmit path. - RX: Port connected to the Receiver chain. - ANT: Port connected to the system antenna. ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the SE2571U-R during active transmission?
    • ⤷ How does the Power Detector (VDET) pin assist in temperature compensation?
    • ⤷ What are the recommended thermal management practices for this QFN package?