Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE25P-DR10

  • AI
    The **SE25P-DR10** is not an electronic component in the sense of a semiconductor (like an IC or transistor), but rather a critical **electromechanical protection component**. It is a **Braided Expandable Sleeving** manufactured by **Panduit**. Below is a detailed breakdown of its specifications and electronic applications. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Panduit | | **Part Number** | SE25P-DR10 | | **Material** | Polyethylene Terephthalate (PET) | | **Nominal Diameter** | 0.25 inches (6.4 mm) | | **Color** | White | | **Flammability Rating** | UL94V-0 (Flame Retardant) | | **Temperature Range** | -70°C to 125°C (-94°F to 257°F) | | **Compliance** | RoHS Compliant, CSA Certified | --- ### 2. Key Electronic Functions While it does not process signals, the SE25P-DR10 serves three vital roles in electronic systems: * **Abrasion Protection:** It protects delicate wiring harnesses and cables from sharp edges, friction, and vibration within electronic enclosures or industrial machinery. * **Cable Management (Bundling):** It provides a clean, organized way to group multiple wires together, which improves airflow within a chassis—a critical factor for thermal management in electronics. * **Expansion Capability:** The "expandable" nature of the PET weave allows it to fit over large connectors or plugs and then shrink back to fit snugly around the wire bundle. --- ### 3. Material Properties The use of **PET (Polyethylene Terephthalate)** is significant in electronics for the following reasons: 1. **Chemical Resistance:** It is resistant to common cleaning solvents and chemicals found in industrial environments. 2. **Dielectric Strength:** While used for mechanical bundling, PET acts as a secondary insulator. 3. **Low Moisture Absorption:** It does not trap moisture, which prevents corrosion or short circuits in high-humidity electronic environments. --- ### 4. Installation & Usage To use the SE25P-DR10 effectively in an electronic assembly: * **Cutting:** It should ideally be cut with a **hot knife** to sear the edges and prevent the PET braid from fraying. * **Sizing:** Since it is a 0.25" sleeve, it typically expands to roughly 1.5 to 2 times its nominal diameter to accommodate large headers or D-Sub connectors. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between PET and Nylon braided sleeving?
    • ⤷ How does the UL94V-0 flammability rating impact electronic safety standards?
    • ⤷ What tools are recommended for terminating the ends of the SE25P-DR10?