Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2600S-R

  • AI
    ## SE2600S-R Overview The **SE2600S-R** is an integrated circuit (IC) primarily categorized as a **Front-End Module (FEM)** or a **Power Amplifier** designed for wireless communications, specifically targeting the 2.4 GHz ISM band. It is commonly used in applications like ZigBee, IEEE 802.15.4, and smart home automation. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the SE2600S-R: | Parameter | Value | | :--- | :--- | | **Frequency Range** | 2400 – 2485 MHz | | **Supply Voltage (Vcc)** | 2.7V to 3.6V | | **Output Power (Pout)** | +20 dBm (Typ) | | **Gain** | ~28 dB | | **Quiescent Current** | ~35 mA | | **Package Type** | QFN (Quad Flat No-lead) | --- ### 2. Functional Components The "R" suffix often denotes specific tape-and-reel packaging, but the internal architecture generally includes: 1. **Power Amplifier (PA):** The core component that boosts the low-power signal from the transceiver to a level suitable for transmission over the air. 2. **Harmonic Filter:** Integrated circuitry to suppress unwanted spurious emissions and ensure compliance with FCC/ETSI regulations. 3. **Power Detector:** An internal circuit that provides a DC voltage proportional to the output power, allowing the system to perform closed-loop power control. 4. **Enable/Shutdown Logic:** Pin-controlled functionality to put the chip into a low-power sleep state when not transmitting. --- ### 3. Application Circuit Example A typical implementation requires minimal external components, usually consisting of decoupling capacitors and impedance matching networks. ```c // Pseudo-representation of Pinout/Control Pin 1: VCC (Power Supply) Pin 2: EN (Enable High/Low) Pin 3: RF_IN (Signal from Transceiver) Pin 4: RF_OUT (Signal to Antenna) Pin 5: DET (Power Detection Output) Pin 6: GND (Ground Paddle) ``` --- ### 4. Common Use Cases * **ZigBee Modules:** Enhancing range for sensors and light switches. * **Smart Metering:** Reliable data transmission for utility meters. * **Industrial Control:** Robust 2.4 GHz links in noisy environments. * **Home Automation:** Central hubs that require long-range connectivity to peripheral devices.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the SE2600S-R?
    • ⤷ How does the power detector output voltage scale with RF output power?
    • ⤷ Which manufacturers currently produce equivalent replacements for this part?