Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE2623L-R

  • AI
    ## Overview of the SE2623L-R The **SE2623L-R** is a high-power 2.4 GHz Wireless LAN (WLAN) Power Amplifier (PA) designed by Skyworks Solutions. It is primarily used in networking hardware like routers and access points to strengthen the signal for 802.11b/g/n wireless standards. --- ### Technical Specifications The following table summarizes the core electrical characteristics of the SE2623L-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Supply Voltage (Vcc)** | 3.0 V to 5.0 V | | **Output Power (802.11g)** | +23 dBm @ 3% EVM | | **Gain** | ~32 dB | | **Current Consumption** | 300 mA to 450 mA (varies by power mode) | | **Package Type** | 16-pin QFN (3.0mm x 3.0mm x 0.9mm) | | **Logic Threshold** | 1.8 V (Compatible with low voltage control) | --- ### Key Electronic Components & Features The SE2623L-R integrates several internal stages to simplify the RF design for engineers: #### 1. Three-Stage Gain Architecture The chip contains three internal amplification stages. This allows for a very high gain (32 dB), meaning a low-power input signal from a Wi-Fi SoC can be boosted to a high-power output for long-range transmission. #### 2. Power Detector It includes a temperature-compensated directional power detector. This allows the system to monitor the actual output power in real-time and adjust the gain to stay within regulatory limits (FCC/ETSI) and prevent signal distortion. #### 3. Harmonic Filter Internally, the chip features matching circuitry that helps suppress harmonics (unwanted frequencies). This reduces the need for large external filtering components on the PCB. #### 4. Enable/Disable Control The device features a "Reference Voltage" pin (`VREF`) that acts as an enable switch. When the Wi-Fi radio is not transmitting, the PA can be powered down to a sleep state to conserve energy and reduce heat. --- ### Typical Application Circuitry In a standard electronic design, the SE2623L-R requires specific external components to function correctly: * **Decoupling Capacitors:** Placed on Vcc lines to filter out noise from the power supply. * **Input/Output Matching:** While partially matched to 50 ohms, external inductors and capacitors are often used to fine-tune the impedance for maximum power transfer. * **Thermal Pad:** Because this is a high-power device, the bottom "paddle" of the QFN package must be soldered to a large ground plane to dissipate heat. --- ### Comparison: 802.11b vs. 802.11g Performance | Standard | Power Level | Linearity (EVM) | | :--- | :--- | :--- | | **802.11b** | +26 dBm | Mask Compliant | | **802.11g** | +23 dBm | 3.0% EVM | | **802.11n** | +22 dBm | 2.5% EVM |
    ✨ Follow-up Questions
    • ⤷What are the recommended thermal management techniques for the SE2623L-R?
    • ⤷ Can this power amplifier be used for 5GHz Wi-Fi applications?
    • ⤷ What is the typical input power requirement for this chip to reach its maximum output?