Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE38P-DR10

  • AI
    The **SE38P-DR10** is a specific part number within the **Panduit Braided Expandable Sleeving** product line. While it is technically a mechanical component used in electronics, it plays a critical role in wire management and electromagnetic interference (EMI) protection strategies. --- ### 1. Technical Specifications The SE38P-DR10 is a "polyethylene terephthalate" (PET) braided sleeve. Below are the key technical parameters: | Feature | Specification | | :--- | :--- | | **Nominal Diameter** | 0.38 inches (9.5 mm) | | **Material** | Polyethylene Terephthalate (PET) | | **Color** | Black | | **Flame Retardancy** | UL94V-0 (High Safety Grade) | | **Temperature Range** | -70°C to 125°C (-94°F to 257°F) | | **Expansion Ratio** | Up to 150% of nominal diameter | --- ### 2. Electronic Applications Although the part is a sleeve, it is used in electronic systems for several specific reasons: * **Abrasion Protection:** It protects sensitive electronic signal wires from friction and mechanical wear, which prevents short circuits caused by insulation failure. * **Cable Bundling:** It organizes complex wire harnesses inside server racks, control panels, and industrial machinery, reducing "electronic noise" clutter and improving airflow for cooling. * **Chemical Resistance:** It is resistant to common electronic cleaning solvents and fuels, ensuring the longevity of the wiring in harsh environments. * **Easy Termination:** The "DR" designation often refers to the "Double Rod" or specific density of the weave, allowing it to be cut with a hot knife to prevent fraying at the connection points of electronic terminals. --- ### 3. Material Properties (PET) The use of PET in the SE38P-DR10 is significant for electronics due to its dielectric properties: ```json { "material_properties": { "dielectric_strength": "High", "moisture_absorption": "Low (<0.08%)", "flexibility": "High", "halogen_free": "Yes" } } ``` --- ### 4. Installation Guidelines To ensure the sleeve performs correctly in an electronic assembly: 1. **Expansion:** Slide the sleeve over the wires; the braid will expand to fit over bulky connectors (like D-Sub or USB). 2. **Cutting:** Use a **hot knife** to melt the ends. This prevents the braid from unravelling over time. 3. **Securing:** Use heat shrink tubing or cable ties at both ends to secure the sleeve to the wire harness.
    ✨ Follow-up Questions
    • ⤷ What is the maximum expansion diameter for the SE38P-DR10?
    • ⤷ How does the UL94V-0 rating affect its use in consumer electronics?
    • ⤷ What are the differences between PET and Metal Braided sleeving for EMI?