Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SE5023L-R

  • AI
    ## Overview of the SE5023L-R The **SE5023L-R** is a highly integrated Power Amplifier (PA) designed specifically for **5GHz WLAN (IEEE 802.11a/n/ac)** applications. It is manufactured by Skyworks Solutions and is commonly used in high-performance Wi-Fi networking equipment. --- ### Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Operating Voltage** | 3.3V to 5.0V | | **Output Power ($P_{out}$)** | +21 dBm @ 3% EVM (802.11a) | | **Gain** | ~32 dB | | **Interface** | CMOS-compatible Enable pin | | **Package Type** | 16-pin QFN (3.0mm x 3.0mm x 0.9mm) | --- ### Major Components and Functional Blocks The SE5023L-R is not just a single transistor but a complex integrated circuit containing several functional stages: 1. **Three-Stage Amplifier:** The device utilizes a three-stage design to achieve high gain (~32 dB). This allows it to take a low-power signal from a Wi-Fi transceiver and boost it to the levels required for long-range transmission. 2. **Input & Output Matching:** The chip includes internal matching circuitry. This simplifies the PCB design by ensuring the input and output impedances are close to 50 ohms. 3. **Power Detector:** It features an integrated temperature-compensated power detector. This provides a DC voltage proportional to the RF output power, allowing the system to perform "closed-loop" power control. 4. **Bias Control:** It includes a digital enable pin (EN). When pulled low, the device enters a power-down mode, drawing very little current (typically < 10µA). --- ### Application Usage The SE5023L-R is typically found in the "RF Front End" of the following devices: * **High-End Routers:** To provide stable 5GHz coverage. * **Access Points:** Where high linearity is required for 802.11ac modulation. * **Outdoor Wireless Bridges:** Utilizing the high output power for long-distance links. --- ### Design Considerations * **Thermal Management:** Because this is a power amplifier, the center pad (GND) of the QFN package must be soldered to a large ground plane with multiple thermal vias to dissipate heat. * **Filtering:** Although it has internal matching, external harmonic filters are usually required on the PCB to meet FCC/ETSI emission regulations. * **Voltage Regulation:** The performance (especially EVM) is sensitive to supply voltage noise; therefore, high-quality decoupling capacitors are essential.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using the SE5023L-R over a discrete transistor design?
    • ⤷ How does the Power Detector pin assist in Wi-Fi signal stability?
    • ⤷ What is the typical current consumption of this IC during full power operation?