Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-161-R/E2

  • AI
    The **SES-161-R/E2** is a specific variant of an industrial-grade **safety relay module** or **emergency stop monitor**, typically manufactured by companies specializing in safety automation (such as Sprecher + Schuh or related industrial control brands). Below is a breakdown of its electronic characteristics and technical components. --- ### 1. Core Technical Specifications The device is designed to monitor safety circuits and ensure that machinery enters a safe state if a fault or emergency signal is detected. | Feature | Specification (Typical) | | :--- | :--- | | **Control Voltage** | 24V AC/DC (Standard for E2 variants) | | **Safety Contacts** | Typically 3 NO (Normally Open) safety outputs | | **Auxiliary Contacts** | 1 NC (Normally Closed) monitoring output | | **Response Time** | < 20ms - 50ms | | **Housing Material** | Polyamide (PA) / Thermoplastic | | **Mounting** | 35mm DIN Rail | --- ### 2. Key Electronic Components & Internal Logic The "R/E2" designation often refers to specific internal electronic configurations: * **Redundancy (The "R"):** The internal circuitry utilizes redundant relays. If one relay welds or fails, the secondary relay ensures the safety function remains active. * **Feedback Loop:** It features a feedback circuit (typically terminals S12/S34 or similar) that monitors external contactors to ensure they have physically opened/closed before allowing a reset. * **Self-Monitoring Logic:** Integrated logic circuits monitor for cross-faults (short circuits across the start button or emergency lines) and earth faults. * **LED Indicators:** * **Power:** Indicates the logic circuit is energized. * **Channel 1/2:** Indicates the status of the dual-input safety channels. --- ### 3. Wiring and Terminal Configuration The electronic interface usually follows a standard safety layout: | Terminal Group | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Power Supply | Connects to the 24V source. | | **S11, S12, S21, S22** | Safety Inputs | Dual-channel inputs for E-Stop buttons or light curtains. | | **13-14, 23-24, 33-34** | Safety Outputs | High-current relay paths for the machine motor starter. | | **41-42** | Aux Output | Used for PLC signaling (non-safety). | --- ### 4. Safety Ratings As an electronic safety device, it is built to meet specific international standards: 1. **SIL (Safety Integrity Level):** Usually rated for SIL 3. 2. **Performance Level (PL):** Usually rated for PL e (Category 4). 3. **Positive Guided Contacts:** The internal relays are mechanically linked, meaning NO and NC contacts cannot be closed at the same time. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between single-channel and dual-channel modes for this relay?
    • ⤷ How do I troubleshoot a flashing fault LED on the SES-161 series?
    • ⤷ Can the SES-161-R/E2 handle 230V AC on its output contacts?