Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-16B-R/E2

  • AI
    ## Technical Overview of SES-16B-R/E2 The **SES-16B-R/E2** is a specific model within a series of **DC Power Supplies** or **AC-DC Converters**, typically manufactured by companies like **Cosel** or similar industrial power component specialists. These units are designed for high reliability in industrial automation and electronic equipment. --- ### 1. Key Technical Specifications The "16B" designation usually refers to the physical size or wattage class, while the suffixes denote specific configurations. | Parameter | Specification | | :--- | :--- | | **Component Type** | AC-DC Switching Power Supply / Noise Filter | | **Rated Current** | 16 Amperes (16A) | | **Voltage Rating** | Typically 250V AC / DC | | **Configuration** | Single Phase | | **Mounting Style** | DIN Rail (E2 suffix) or Chassis Mount | | **Terminal Type** | Screw Terminals (R-type often refers to block style) | --- ### 2. Major Electronic Sub-systems The SES-16B-R/E2 is comprised of several critical electronic stages to ensure stable power delivery and electromagnetic compatibility: #### A. Input EMI Filter * **Purpose:** Suppresses electromagnetic interference (EMI) coming from the AC line and prevents the device's high-frequency switching noise from leaking back into the grid. * **Components:** X and Y capacitors, common-mode chokes. #### B. Rectification Stage * **Purpose:** Converts incoming AC voltage to a pulsating DC voltage. * **Components:** Full-bridge diode rectifiers. #### C. Switching Regulator (PWM Control) * **Purpose:** High-frequency switching to efficiently step down or regulate voltage. * **Components:** Power MOSFETs or IGBTs controlled by a Pulse Width Modulation (PWM) IC. #### D. Galvanic Isolation * **Purpose:** Safety separation between the high-voltage input and low-voltage output. * **Components:** High-frequency transformer and optocouplers for feedback loops. --- ### 3. Suffix Definitions (Decoding the Model) | Suffix | Meaning | | :--- | :--- | | **-R** | Usually indicates a **Terminal Block** style connection (Screw terminals) for secure industrial wiring. | | **-E2** | Specifically denotes a **DIN Rail Attachment**. This allows the unit to be snapped onto standard 35mm industrial rails. | --- ### 4. Safety and Protection Features * **Overcurrent Protection:** Shuts down or limits current if the load exceeds 16A. * **Overvoltage Protection:** Protects sensitive downstream electronics from voltage spikes. * **Dielectric Withstand:** High insulation resistance between input, output, and chassis (FG - Frame Ground).
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage ranges supported by the SES-16B series?
    • ⤷ Can this unit be used in parallel with other power supplies to increase current?
    • ⤷ What is the operating temperature range for the E2 mounting configuration?