Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-1CD-R

  • AI
    The **SES-1CD-R** typically refers to a specific model of an **Electronic Sounder / Siren with Strobe** often used in fire alarm systems or security signaling. These devices integrate acoustic and optical components to provide dual-mode alerts. Below is the technical breakdown of the electronic parts and specifications for this type of unit. --- ## 1. Core Electronic Components A device like the SES-1CD-R consists of three primary functional blocks: | Component | Function | Description | | :--- | :--- | :--- | | **Piezoelectric Transducer** | Sound Generation | Converts electrical oscillations into high-frequency sound waves (the siren). | | **LED Array / Xenon Tube** | Visual Signaling | High-intensity light source used for the strobe effect. Modern units use SMD LEDs for lower power draw. | | **Driver Circuitry** | Control & Logic | A PCB containing capacitors, resistors, and an IC to manage the flash rate and tone modulation. | | **Terminal Block** | Connectivity | Screw terminals for power input (typically + and - 24V DC). | | **DIP Switches** | Configuration | Internal switches used to select between different siren tones (e.g., Sweep, Pulsed, Continuous). | --- ## 2. Technical Specifications Most devices in this category (CD-R series) adhere to the following electrical parameters: ### Electrical Profile * **Operating Voltage:** 12V to 24V DC (Standard Fire/Security range). * **Current Consumption:** * *Sounder only:* ~15-30mA * *Strobe only:* ~30-50mA * *Combined:* ~50-80mA (varies by tone and flash intensity). * **Flash Rate:** Typically 1 Hz (1 flash per second). ### Acoustic Profile * **Sound Output:** 90dB to 105dB at 1 meter. * **Frequency Range:** 2400Hz to 2900Hz. --- ## 3. Wiring Configuration The electronic interface is usually simplified for field installation. Below is a representation of the typical wiring logic: ```c // Internal Logic Representation (Conceptual) Input (24V DC) | |----[ Diode for Polarity Protection ] | |----[ Voltage Regulator ]----[ Tone Generator IC ]----[ Piezo Driver ] | |----[ Timing Circuit ]-------[ Strobe Driver ]-------[ LED Array ] ``` --- ## 4. Key Features of the "CD-R" Variant * **Reverse Polarity Protection:** Prevents damage to the internal PCB if the wires are connected backwards during installation. * **Synchronized Flash:** In systems with multiple units, the electronics often support a synchronization protocol to prevent photosensitive epilepsy triggers. * **Material:** The "R" usually denotes a **Red** polycarbonate housing, which is UV-stabilized and flame-retardant.
    ✨ Follow-up Questions
    • ⤷ How do I change the siren tone on the SES-1CD-R using the internal switches?
    • ⤷ What is the maximum number of these units that can be connected to a single 24V power supply?
    • ⤷ Does this model support synchronization modules for multiple strobes?