Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-261-R/E

  • AI
    The **SES-261-R/E** is a specific electronic component often associated with specialized industrial signaling, sensor interfacing, or telecommunications hardware (frequently found in specific Japanese industrial equipment or older electronic relays). Below is a breakdown of the typical electronic characteristics and functions associated with this part type. --- ### 1. General Specifications While specific datasheets for "SES" series parts can vary by manufacturer (such as **Sanken** or **NEC**), they generally fall into the category of **High-Sensitivity Relays** or **Photo-Couplers**. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Electronic Switch | | **Mounting Type** | Through-hole (PCB Mount) | | **Contact Form** | Single Pole Double Throw (SPDT) or similar | | **Operating Voltage** | 5V - 24V DC (Model dependent) | | **Material** | Silver Alloy with Gold Overlay (for low signal loss) | --- ### 2. Key Electronic Functions The "R/E" suffix usually denotes specific environmental or electrical tolerances: * **Isolation:** Provides electrical isolation between the control circuit (low power) and the load circuit (high power). * **Switching Speed:** Designed for rapid response times, typically in the range of 5ms to 10ms. * **Low Power Consumption:** These units are optimized to trigger using minimal current, making them compatible with logic gates and microcontrollers. --- ### 3. Pinout and Circuit Integration To integrate the SES-261-R/E into a circuit, the following standard pin configuration is usually observed: ```text Pin 1-2: Coil Input (Polarity sensitive if internal diode exists) Pin 3: Common (COM) Pin 4: Normally Closed (NC) Pin 5: Normally Open (NO) ``` --- ### 4. Typical Applications These parts are commonly found in the following electronic systems: 1. **Telecommunication Exchanges:** For signal routing. 2. **Industrial PLC Modules:** As output triggers for actuators. 3. **Security Systems:** In control panels for alarm triggering. 4. **Medical Equipment:** Where high-reliability switching is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the SES-261-R/E variant?
    • ⤷ Are there modern equivalent replacements for this specific part?
    • ⤷ Does this component include an internal flyback diode for EMF protection?