Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2AA-R/E2

  • AI
    The **SES-2AA-R/E2** is a specialized electronic component typically used in automated sensing, safety, or monitoring systems. Below is a detailed breakdown of its technical specifications and functional parts. --- ### 1. General Identification | Feature | Description | | :--- | :--- | | **Model Number** | SES-2AA-R/E2 | | **Type** | Photoelectric Sensor / Safety Light Curtain Component | | **Function** | Receiver (indicated by the 'R' suffix) | | **Application** | Industrial automation, perimeter guarding, and object detection | --- ### 2. Key Electronic Parts and Specifications The electronic architecture of this unit consists of several critical subsystems: #### A. Optical Receiver Array As a receiver unit, it contains a series of **Phototransistors** or **Photodiodes**. * **Wavelength Matching:** These diodes are tuned specifically to the infrared (IR) spectrum of the corresponding emitter. * **Optical Lens:** A plastic or glass focusing lens sits in front of the diodes to narrow the field of view and reduce interference from ambient light. #### B. Output Stage (The "E2" Suffix) The suffix **E2** typically refers to the output configuration: * **Output Type:** Usually signifies a **PNP Transistor** output. * **Logic:** Normally Open (NO) or Normally Closed (NC) depending on the wiring configuration. * **Voltage Range:** Operates typically on **12-24V DC**. #### C. Internal Processing Circuitry * **Amplifier:** Since the light signal received can be weak, an internal operational amplifier (Op-Amp) boosts the signal. * **Demodulator:** The receiver includes a circuit to "decipher" the modulated light from the emitter. This ensures the sensor doesn't trigger due to flashlights or overhead factory lighting. * **Status Indicators (LEDs):** * **Green LED:** Power/Stability indicator. * **Red/Yellow LED:** Output/Detection status. --- ### 3. Technical Parameters | Parameter | Typical Value | | :--- | :--- | | **Connection Type** | M12 Connector or Fixed Cable | | **Response Time** | < 20ms (Standard for industrial safety) | | **Housing Material** | Aluminum or Polycarbonate (IP65/67 rated) | | **Detection Range** | Dependent on the emitter (usually up to several meters) | --- ### 4. Wiring and Integration The device usually follows standard industrial color coding for its electronic leads: 1. **Brown:** +VDC (Power) 2. **Blue:** 0V (Ground) 3. **Black:** Control Output (Signal) 4. **White:** Mode selection or diagnostic (configuration dependent) ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'E' versions of this sensor series?
    • ⤷ How do I wire the PNP output to a PLC input?
    • ⤷ What is the specific detection range for the SES-2AA-R/E2?