Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2AB-R/E

  • AI
    The **SES-2AB-R/E** is a specific model within a series of **Safety Relay Units** or **Safety Door Switches**, commonly associated with industrial automation brands like *Sanken* or similar safety component manufacturers. These devices are designed to monitor mechanical guards or emergency circuits to ensure a machine stops safely if a hazard occurs. Below is a breakdown of its electronic characteristics and functional parts. --- ## 1. Core Technical Specifications The "R/E" suffix typically denotes specific mounting or electrical variations (such as Reverse logic or Enclosed casing). | Feature | Description | | :--- | :--- | | **Component Type** | Non-contact Safety Switch / Safety Relay Interface | | **Input Voltage** | Typically 24V DC (Standard for PLC environments) | | **Output Type** | Relay Contact or Semi-conductor (OSSD) | | **Safety Category** | Often rated for PL e / SIL 3 (depending on the system architecture) | | **Connection Type** | M12 Connector or hardwired cable | --- ## 2. Key Electronic Components & Functions ### A. The Sensing Element (Input) This part detects the presence of the actuator (the matching part on the door). * **Magnetic/Inductive Sensors:** Most SES series parts use non-contact Hall-effect sensors or coded magnets to prevent tampering. * **Dual-Channel Architecture:** Internally, the device uses two independent circuits to monitor the state. If one fails, the other ensures the system remains safe. ### B. The Logic Controller (Internal Processing) The internal PCB contains a micro-logic controller that performs "Cross-Monitoring." * **Redundancy:** It compares the signal from two different sensors. * **Self-Diagnostics:** The electronics check for short circuits, cross-talk, or internal component welding every time the device is cycled. ### C. The Output Stage (R/E Features) * **Force-Guided Relays:** If the model is a relay type, it uses contacts that are mechanically linked so they cannot all close at once if one is welded. * **Status LEDs:** Typically features a Green (Safe), Red (Fault/Open), and sometimes Yellow (Alignment) LED indicator to troubleshoot the electronic state visually. --- ## 3. Wiring Configuration While specific pinouts can vary, a standard SES-2AB-R/E setup generally follows this logic: ```c // Example Electronic Pinout Logic 1. Brown (+24V DC Power) 2. Blue (0V / Ground) 3. White (Safety Channel 1 - Input) 4. Black (Safety Channel 2 - Input) 5. Grey (Auxiliary/Signal Output - Non-safety) ``` --- ## 4. Operational Logic Table | Actuator Position | Internal Relay State | LED Color | Machine State | | :--- | :--- | :--- | :--- | | **Closed/Aligned** | Energized (Closed) | Green | Ready/Running | | **Open** | De-energized (Open) | Red | Emergency Stop | | **Misaligned** | Flashing / Open | Yellow/Red | Fault |
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the SES-2AB-R/E contacts?
    • ⤷ How do you reset the device after a safety trip?
    • ⤷ What are the specific mounting requirements for the R/E variant compared to the standard model?