Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2BB-R

  • AI
    The **SES-2BB-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Shielded Power Inductor** often used in power management and filtering circuits. These parts are designed to handle high currents while minimizing electromagnetic interference (EMI). --- ### 1. Key Technical Specifications Below are the typical technical parameters for the SES series (specifically the 2BB-R variant): | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | Varies by sub-model (typically 1.0µH to 10µH) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite / Metal Composite | | **Operating Temperature** | -40°C to +125°C | | **Termination** | RoHS Compliant Lead-free plating | --- ### 2. Functional Components The SES-2BB-R consists of several internal electronic elements: 1. **Copper Winding:** A high-purity copper wire coil that stores energy in a magnetic field. 2. **Ferrite Core:** Provides the high permeability required to achieve desired inductance levels in a small footprint. 3. **Magnetic Shield:** An external coating or casing made of magnetic material that keeps the magnetic flux contained, preventing it from affecting nearby components on the PCB. 4. **Terminal Pads:** Flat metallic bases designed for reflow soldering onto a printed circuit board. --- ### 3. Common Applications These parts are widely used in modern electronics where space is limited and efficiency is critical: * **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. * **Smartphones/Tablets:** Filtering noise in power rails for CPUs and displays. * **IoT Devices:** Low-profile power management units. * **Automotive Infotainment:** Providing stable power to onboard sensors and screens. --- ### 4. Comparison Table: Shielded vs. Unshielded Inductors | Feature | SES-2BB-R (Shielded) | Standard Unshielded | | :--- | :--- | :--- | | **EMI Radiation** | Very Low | High | | **Size Efficiency** | High | Medium | | **Cost** | Slightly Higher | Lower | | **Saturation Current** | Controlled | High |
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and current ratings for the SES-2BB-R?
    • ⤷ How does magnetic shielding impact the performance of this inductor?
    • ⤷ What are the recommended soldering profiles for this SMD component?