Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2C5W-R/E

  • AI
    The **SES-2C5W-R/E** is a high-performance **Step-Down (Buck) DC-DC Converter Module** commonly utilized in industrial automation, telecommunications, and distributed power systems. It is designed to convert a higher input voltage into a regulated 5V output with high efficiency. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the SES-2C5W-R/E: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (Standard 24V Nominal) | | **Output Voltage** | 5V DC | | **Output Current** | 1.0A (Max) | | **Power Rating** | 5 Watts | | **Efficiency** | ~82% - 85% | | **Isolation Voltage** | 1500V DC (Input to Output) | | **Package Type** | DIP (Dual In-line Package) or SIP | --- ### ### Key Electronic Components & Internal Features The module is composed of several critical electronic sub-systems integrated into a compact, shielded brick: 1. **PWM Controller IC**: This is the "brain" of the module. It regulates the output voltage by adjusting the pulse width of the switching frequency to compensate for load or input changes. 2. **MOSFET Switches**: High-speed metal-oxide-semiconductor field-effect transistors are used to toggle the input power, minimizing heat dissipation compared to linear regulators. 3. **Power Inductor**: Acts as the energy storage element during the switching cycle to smooth out the current delivered to the load. 4. **Input/Output Capacitors (MLCC/Electrolytic)**: * **Input:** Filters out noise and protects against voltage spikes. * **Output:** Minimizes ripple voltage to ensure a "clean" 5V supply for sensitive electronics. 5. **Isolation Transformer**: Provides galvanic isolation between the input and output stages, protecting low-voltage logic circuits from high-voltage input transients. --- ### ### Protection Mechanisms The SES-2C5W-R/E includes built-in safety features to prevent hardware failure: * **Short Circuit Protection (SCP):** Continuous, self-recovering protection against output shorts. * **Over Current Protection (OCP):** Limits the output current to prevent internal component overheating. * **Under-Voltage Lockout (UVLO):** Ensures the module does not operate until the input voltage reaches a stable threshold. --- ### ### Typical Application Circuit When integrating this part into a PCB, a basic external filter is often recommended: ```c [Input +] ---- [Fuse] ---- [C1: Input Capacitor] ---- [ Vin+ SES-2C5W-R/E Vout+ ] ---- [C2: Output Capacitor] ---- [Load] [Input -] ------------------------------------------- [ Vin- Vout- ] ---------------------------- [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout dimensions for the SES-2C5W-R/E package?
    • ⤷ How does the efficiency of this module change under light load conditions?
    • ⤷ Can this module be connected in parallel for higher current output?