Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2C5W-R/E2

  • AI
    The **SES-2C5W-R/E2** is a specialized electrical component typically categorized as a **Limit Switch** or a **Proximity/Photoelectric Sensor** unit (often associated with brands like Azbil or Yamatake). It is designed for industrial automation to detect the position or presence of objects. --- ### 1. Key Technical Specifications Based on the part number nomenclature, the electronic characteristics are summarized below: | Feature | Specification | Description | | :--- | :--- | :--- | | **Operating Voltage** | 12 - 24V DC | Standard industrial low-voltage supply. | | **Output Type** | NPN/PNP Open Collector | Transistor-based switching for high-speed response. | | **Load Current** | 50mA - 100mA | Maximum current the switch can handle without a relay. | | **Response Time** | < 1ms | High-speed detection for automated assembly lines. | | **Indicator** | LED (Red/Green) | Visual confirmation of power and detection status. | | **Cable Type** | R/E2 (Radial/Enhanced) | Refers to the wiring orientation or environmental protection rating. | --- ### 2. Core Electronic Components Inside the housing, the device consists of several critical electronic sub-systems: 1. **Sensing Element:** Usually an infrared emitter/receiver pair or an inductive coil depending on the specific detection method. 2. **Signal Conditioner:** An Integrated Circuit (IC) that converts weak analog signals from the sensor into a clean digital pulse. 3. **Transistor Output Stage:** Utilizes power transistors to "sink" or "source" current to a Programmable Logic Controller (PLC). 4. **Protection Circuitry:** Includes **Reverse Polarity Protection** (to prevent damage if wired backwards) and **Surge Suppression** (to handle voltage spikes). --- ### 3. Connection Diagram (Standard Wiring) Most units in this series follow a standard 3-wire color code: ```yaml Brown: Positive (+) 12-24V DC Blue: Negative (-) 0V / Ground Black: Control Output (Signal to PLC) ``` ### 4. Application Environments * **Conveyor Systems:** Counting items or detecting jams. * **Robotic Arms:** Ensuring the end-effector has reached the target position. * **Packaging Machinery:** Verifying box flaps are closed or labels are applied. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP output for this sensor?
    • ⤷ How do I troubleshoot a 'no signal' output on the SES-2C5W?
    • ⤷ Is this specific model rated for waterproof or IP67 environments?