Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2HB-R

  • AI
    The **SES-2HB-R** is a specific electronic component typically categorized as a **high-frequency current sensor** or a **zero-phase current transformer (ZCT)**, often used in earth leakage circuit breakers (ELCB) or ground fault circuit interrupters (GFCI). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The device is designed to detect minute imbalances in current flow, which indicates a leakage to ground. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Transformer / Zero-Phase Sensor | | **Turns Ratio** | 1000:1 (Common for this series) | | **Sensitivity** | High (milliampere range) | | **Internal Resistance** | Approx. 30 - 60 $\Omega$ (depending on variant) | | **Application** | Earth Leakage detection, GFCI circuits | | **Mounting Type** | Through-hole (PCB) or leaded | --- ## 2. Operating Principle The SES-2HB-R operates on the principle of **Faraday’s Law of Induction**. 1. **Input:** Both the Live (L) and Neutral (N) wires pass through the center of the ring (toroid). 2. **Normal State:** In a healthy circuit, the magnetic fields of L and N cancel each other out (Net current = 0). 3. **Leakage State:** If a leak occurs, the balance is disrupted. This "zero-phase" current induces a small voltage in the secondary windings of the SES-2HB-R. 4. **Output:** This secondary voltage is sent to an IC (like the M54123 or similar) to trigger a trip mechanism. --- ## 3. Physical Construction The part is engineered for durability and electrical isolation: * **Core Material:** Usually high-permeability Permalloy or nanocrystalline cores to ensure sensitivity to very low currents. * **Encapsulation:** The coil is typically encased in a flame-retardant PBT or Epoxy resin housing (indicated by the "-R" suffix, which often denotes RoHS compliance or specific Resin coating). * **Termination:** Features rigid pins for PCB mounting or flexible lead wires. --- ## 4. Connection Diagram Example In a standard electronic protection circuit, the wiring looks like this: ```mermaid graph LR A[AC Source] --> B((SES-2HB-R)) B --> C[Load] B -- Secondary Coil --> D[Amplifier/Trip IC] D --> E[Solenoid/Relay] ``` --- ## 5. Key Advantages * **High Linearity:** Provides accurate output proportional to the leakage current. * **Temperature Stability:** Minimal drift in sensitivity across standard operating temperatures (-20°C to +80°C). * **Compact Size:** Designed to fit within the small enclosures of wall outlets or miniature circuit breakers.
    ✨ Follow-up Questions
    • ⤷What is the specific sensitivity threshold of the SES-2HB-R in mA?
    • ⤷ Which integrated circuits are most compatible with this sensor?
    • ⤷ Are there lead-free (RoHS) certifications specifically for the -R version?