Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SES-2HC-R/Q

  • AI
    The **SES-2HC-R/Q** refers to a high-capacity, heavy-duty electronic connector system, typically utilized in power distribution, industrial machinery, and electrical control panels. These parts are engineered to handle high current loads while maintaining secure electrical contact in vibrating or harsh environments. --- ### 1. Key Technical Specifications The "HC" in the model name typically stands for **High Current**, indicating that the internal metal components are designed with low resistance to prevent overheating. | Feature | Specification Details | | :--- | :--- | | **Material** | High-conductivity Copper Alloy / Thermoplastic Insulator | | **Plating** | Tin or Silver (for corrosion resistance and conductivity) | | **Mounting Type** | Panel Mount or Rail Mount (depending on suffix) | | **Current Rating** | High Capacity (Often 50A - 150A depending on specific gauge) | | **Termination** | Screw clamp or Crimp style | --- ### 2. Electronic Component Breakdown #### A. Contact Pins and Sockets The heart of the SES-2HC-R/Q is the contact assembly. These are usually precision-machined from copper alloys. * **Low Resistance:** Designed to minimize voltage drops across the connection. * **Retention Force:** High-tension springs ensure that the male and female parts stay connected even during mechanical shock. #### B. Housing and Insulation The outer shell (the "R/Q" variants often denote specific housing shapes or locking mechanisms) is made of **UL 94V-0 rated plastics**. * **Dielectric Strength:** Prevents electrical arcing between adjacent circuits. * **Thermal Stability:** Maintains structural integrity at high operating temperatures generated by high-current flow. #### C. Environmental Sealing (If Applicable) Some versions include gaskets or O-rings to provide an IP (Ingress Protection) rating, protecting the electronic contacts from dust and moisture. --- ### 3. Usage and Application The SES-2HC series is commonly found in: 1. **Industrial Automation:** Connecting PLCs to high-power actuators. 2. **Renewable Energy:** Used in solar inverter DC/AC distribution boxes. 3. **Electric Vehicles (EV):** Internal power routing for charging systems or battery management units. --- ### 4. Part Number Suffix Identification * **-R:** Often designates a **Right-Angle** orientation or a **Receptacle** (female) type. * **-Q:** Frequently refers to a **Quick-connect** or **Quarter-turn** locking mechanism for rapid maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the SES-2HC series?
    • ⤷ Are there specific crimping tools required for the SES-2HC-R/Q contacts?
    • ⤷ How does the -R suffix differ from the -S suffix in this product line?