Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SF-1206SA-R

  • AI
    ## Overview of SF-1206SA-R The **SF-1206SA-R** is a high-performance surface-mount fuse part of the SinglFuse™ product line manufactured by **Bourns**. It is specifically designed as a **Slow Blow (Time Delay)** fuse in a standard 1206 package size, making it ideal for protecting circuits against temporary surges while providing overcurrent protection. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of the SF-1206SA-R series: | Property | Specification | | :--- | :--- | | **Package Size** | 1206 (3216 Metric) | | **Fuse Type** | Slow Blow / Time Delay | | **Rated Current Range** | 0.5A to 8.0A (varies by specific model suffix) | | **Rated Voltage** | 63V DC (Standard for the series) | | **Operating Temperature** | -55°C to +125°C | | **Material** | Ceramic Tube / Silver Plated Terminals | | **Interrupt Rating** | 50A @ 63V DC | --- ### Key Features and Construction 1. **Time Delay Characteristics:** The "SA" designation indicates a slow-blow profile. This allows the fuse to withstand high inrush currents (such as those seen during motor startup or capacitor charging) without "nuisance tripping," while still opening if a sustained overcurrent occurs. 2. **Ceramic Multilayer Design:** Unlike thin-film fuses, the ceramic construction provides better thermal stability and physical robustness, allowing it to handle higher voltages and power densities. 3. **SMD Compatibility:** Its 1206 footprint is compatible with standard automated "pick and place" assembly equipment and lead-free reflow soldering processes. --- ### Common Applications Due to its slow-blow nature and compact size, the SF-1206SA-R is commonly found in: * **Power Supplies:** DC-DC converters and battery chargers. * **Consumer Electronics:** Laptops, tablets, and LED lighting drivers. * **Industrial Controls:** Protecting sensors and small motor circuits. * **Telecom:** Line cards and networking equipment. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **SF** | SinglFuse™ Product Category | | **1206** | Package Size (0.12 x 0.06 inches) | | **SA** | Slow Blow, High Inrush Current Withstand | | **-R** | RoHS Compliant and Halogen Free |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SA (Slow Blow) and FA (Fast Acting) series in the 1206 footprint?
    • ⤷ How do I calculate the correct I2t value for selecting this fuse?
    • ⤷ What are the recommended soldering profiles for ceramic SMD fuses?