Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SF-R

  • AI
    Based on your query, it appears you are referring to the **SF-R series**, which typically relates to specific industrial sensors (specifically the **Panasonic/Sunx SF4R** safety light curtains) or potentially high-speed electronic relays/components. Assuming you are inquiring about the **SF4R Safety Light Curtain** (a common "SF-R" industrial part), here is the breakdown of its electronic components and features. --- ### 1. Core Electronic Components The system consists of two primary units: the **Emitter** and the **Receiver**. | Component | Function | Key Electronics | | :--- | :--- | :--- | | **Infrared LEDs** | Light Source | High-intensity GaAs LEDs that pulse at specific frequencies to avoid interference. | | **Phototransistors** | Sensing | High-sensitivity optical receivers that convert light pulses into electrical signals. | | **CPU/Microcontroller** | Logic | Dual-redundant processors that cross-check signals for safety compliance (SIL3/PLe). | | **OSSD Outputs** | Switching | Output Signal Switching Devices (usually PNP/NPN) that trigger a machine stop. | --- ### 2. Technical Specifications The electronics are designed for rugged industrial environments with high electromagnetic interference (EMI). * **Operating Voltage:** Typically 24V DC (±10%). * **Response Time:** Extremely fast (usually <10ms) to ensure the machine stops before human contact. * **Synchronization:** Optical or wired synchronization between the top and bottom beams to ensure the units stay "in phase." --- ### 3. Key Electronic Features The "SF-R" series is known for several advanced circuit-level innovations: #### A. ELCA (Extraneous Light Check & Avoid) The internal circuitry contains an algorithm that identifies and filters out light from other sensors or welding flashes. This prevents "nuisance tripping" (false stops). #### B. Polarity Switching Most modern SF-R units feature internal logic that allows the user to switch between **PNP** and **NPN** output by simply changing the wiring configuration, eliminating the need for two different hardware models. #### C. Digital Indicator System The receiver contains a segmented LED display or multi-color LED bar that provides diagnostic codes, such as: * **Beam Alignment:** Shows the intensity of the signal. * **Error Codes:** Indicates if there is a short circuit or synchronization error. --- ### 4. Wiring Diagram Overview The electronics interface with the machine control system via a standard M12 connector or a terminal block. ```mermaid graph LR Power[24V DC Source] --> Emitter Power --> Receiver Emitter -- Optical Sync -- > Receiver Receiver -- OSSD 1/2 --> Safety_Relay[Safety Relay/PLC] Safety_Relay --> Motor_Contactor[Machine Stop] ``` --- ### Summary of Safety Standards Because these are electronic safety devices, they must meet international standards: * **IEC 61496-1/2:** Type 4. * **ISO 13849-1:** Category 4, PLe. * **IEC 61508:** SIL3. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring specifically to the SF4R light curtain or a different SF-R electronic relay?
    • ⤷ How do the OSSD outputs protect against short circuits in the SF-R series?
    • ⤷ What is the difference between optical and wired synchronization in these units?