Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SF1-R0075

  • AI
    The **SF1-R0075** is a specific type of **Current Sense Resistor** (often referred to as a Shunt Resistor). It is widely used in power management, battery monitoring, and motor control circuits to measure current flow by monitoring the voltage drop across it. --- ## 1. Technical Specification Breakdown The part number follows a standard industry naming convention for high-precision resistors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Surface Mount Device (SMD) | | **Resistance Value** | 0.0075 $\Omega$ (7.5 m$\Omega$) | Very low resistance to minimize power loss | | **Tolerance** | $\pm$1% (Typically) | High precision for accurate measurement | | **Power Rating** | 1W to 3W (Series dependent) | Ability to dissipate heat during high current flow | | **Temperature Coefficient** | $\pm$50 to $\pm$100 ppm/°C | Stability of resistance across temperature changes | | **Package Size** | 2512 or similar | Large footprint to handle thermal dissipation | --- ## 2. Key Electronic Features ### A. Low Ohmic Value With a resistance of only **7.5 milliohms**, this part is designed to be placed in series with a load. Because the resistance is so low, it creates a negligible voltage drop ($V = I \times R$), ensuring that the majority of the power reaches the intended load while still allowing a sensor to "read" the current. ### B. Metal Plate Technology The "SF" series generally utilizes a **Metal Plate** or **Metal Alloy** construction rather than thick-film paste. This provides: * Higher reliability under pulse conditions. * Better thermal management. * Lower parasitic inductance. ### C. Kelvin Connection Compatibility While it may be a 2-terminal device, it is often used with a "4-wire" or Kelvin sensing layout on the PCB to eliminate the resistance of the copper traces from the measurement, ensuring only the 0.0075 $\Omega$ of the component is measured. --- ## 3. Typical Applications 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion packs. 2. **DC-DC Converters:** Providing feedback for over-current protection (OCP). 3. **Motor Controllers:** Sensing the phase current to manage torque and speed. 4. **Power Inverters:** Measuring output current to ensure grid stability. --- ## 4. Basic Calculation Example If you pass **10 Amperes** through the SF1-R0075: * **Voltage Drop:** $10A \times 0.0075\Omega = 0.075V$ (75mV). * **Power Dissipated:** $10A^2 \times 0.0075\Omega = 0.75W$. *Note: Ensure your specific variant's wattage rating exceeds the calculated power dissipation to prevent component failure.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between this metal plate resistor and a standard thick-film resistor?
    • ⤷ How do I calculate the thermal derating for the SF1-R0075 in a high-temperature environment?
    • ⤷ Can you provide a PCB layout recommendation for 4-wire Kelvin sensing using this resistor?