Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SF1-R0125

  • AI
    The **SF1-R0125** is a specialized precision electronic component, specifically a **Surface Mount (SMD) Current Sense Resistor**. It is designed for power management circuits where measuring the current flow with high accuracy is critical. ### 1. Technical Specifications Below are the typical electrical characteristics for the SF1-R0125 part: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.0125 $\Omega$ (12.5 m$\Omega$) | | **Tolerance** | $\pm 1\%$ (commonly) | | **Power Rating** | 1 Watt (Standard for this series) | | **Temperature Coefficient** | $\pm 50$ to $\pm 100$ ppm/°C | | **Package Size** | 2512 (Inch) / 6432 (Metric) | | **Material** | Metal Foil / Alloy | --- ### 2. Key Features * **Low Ohmic Value:** At 12.5 m$\Omega$, it provides minimal voltage drop across the resistor, ensuring high efficiency. * **Metal Foil Technology:** Uses a specialized metal alloy as the resistive element, which offers superior thermal stability compared to thick-film resistors. * **High Power Dissipation:** The 2512 package size allows the component to dissipate heat effectively, preventing "thermal runaway." * **Non-Inductive Design:** Ideal for high-frequency switching applications because it minimizes parasitic inductance. --- ### 3. Functional Application In a circuit, the SF1-R0125 acts as a "Shunt." By placing it in series with the load, an integrated circuit (IC) can measure the small voltage drop across it using **Ohm's Law ($V = I \times R$)**. #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Controllers:** Detecting over-current conditions to protect the motor. 4. **Power Supplies:** Regulating the output current for sensitive electronics. --- ### 4. Part Number Breakdown (Typical) * **SF:** Series code (often Metal Foil Low Ohmic). * **1:** Power rating (1 Watt). * **R0125:** Resistance value where "R" acts as the decimal point ($0.0125 \Omega$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 1W rating?
    • ⤷ How does temperature affect the accuracy of the SF1-R0125?
    • ⤷ What are the soldering layout recommendations for 2512 sense resistors?