Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SF1X-R0075

  • AI
    The **SF1X-R0075** is a high-precision, low-resistance **current sense resistor** (also known as a shunt resistor). These components are critical for power management systems to monitor current flow by measuring the voltage drop across the resistor. --- ### 1. Key Technical Specifications The part number typically breaks down into the following electrical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Resistance Value** | 0.0075 $\Omega$ (7.5 m$\Omega$) | | **Power Rating** | 1W to 3W (Depending on package/mounting) | | **Tolerance** | ±1% or ±0.5% (High Precision) | | **Technology** | Metal Plate / Metal Foil | | **Operating Temp** | -55°C to +170°C | --- ### 2. Functional Role in Electronics The SF1X-R0075 acts as a transducer that converts current ($I$) into a small voltage ($V$) according to Ohm’s Law ($V = I \times R$). 1. **Current Sensing:** Used in the feedback loop of power supplies to monitor load. 2. **Overcurrent Protection:** If the voltage across the resistor exceeds a threshold, the circuit can trigger a shutdown. 3. **Battery Management:** Monitors charging and discharging cycles in lithium-ion systems. --- ### 3. Physical Construction & Features * **Metal Plate Element:** Unlike standard thick-film resistors, these use a solid metal alloy. This provides superior heat dissipation and stability. * **Low TCR (Temperature Coefficient of Resistance):** Ensuring the resistance doesn't change significantly as the part heats up, maintaining measurement accuracy. * **Surface Mount (SMD):** Usually designed in an 0805, 1206, or 2512 package size for automated PCB assembly. --- ### 4. Typical Applications * **DC-DC Converters:** Controlling output current. * **Motor Control:** Detecting stalls or managing torque. * **Laptop/Mobile Chargers:** Managing power delivery (PD) protocols. * **Automotive Systems:** Battery monitoring and ECU power distribution. ---
    ✨ Follow-up Questions
    • ⤷What are the specific package dimensions for the SF1X series?
    • ⤷ How do I calculate the power dissipation for this resistor at 10 Amps?
    • ⤷ What are the alternatives to the SF1X-R0075 for higher precision?