Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFECF10M7GF00-R0

  • AI
    ### Technical Overview of SFECF10M7GF00-R0 The **SFECF10M7GF00-R0** is a high-performance **Ceramic Filter** manufactured by **Murata Electronics**. It belongs to the CERALOCK® / CERAFIL® family and is specifically designed for use in FM intermediate frequency (IF) stages. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Nominal Frequency** | 10.7 MHz | | **3dB Bandwidth** | 150 kHz ± 40 kHz | | **20dB Bandwidth** | 380 kHz max | | **Insertion Loss** | 4.0 dB ± 2.0 dB | | **Input/Output Impedance** | 330 Ω | | **Package Type** | Surface Mount (SMD) | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Functional Description This component acts as a band-pass filter. It utilizes the piezoelectric effect of ceramics to allow specific frequencies (centered around 10.7 MHz) to pass through while significantly attenuating noise and unwanted signals outside the desired bandwidth. #### Core Features: * **High Selectivity:** Excellent shape factor allows for clear separation of radio channels. * **SMD Design:** Its small form factor and surface-mount capability make it ideal for high-density automated PCB assembly. * **Stability:** High stability against temperature fluctuations and aging. --- ### 3. Applications The SFECF series is primarily used in consumer electronics where radio frequency processing is required: 1. **FM Radios:** Used in the IF (Intermediate Frequency) stage of FM receivers to extract audio signals. 2. **AV Receivers:** Component in home theater systems for tuner functionality. 3. **Car Audio:** Robust design suitable for automotive radio head units. 4. **Communication Equipment:** Any heterodyne receiver requiring a 10.7 MHz filter. --- ### 4. Typical Application Circuit When integrating this part, it is crucial to match the impedance (usually 330 ohms) to prevent signal reflection and maintain the specified bandwidth. ```mermaid graph LR A[Mixer Output] --> B[Matching Resistor 330Ω] B --> C[SFECF10M7 Filter] C --> D[IF Amplifier] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'GF' and 'DF' suffixes in Murata ceramic filters?
    • ⤷ How does the impedance mismatch affect the performance of this 10.7 MHz filter?
    • ⤷ Are there recommended substitutes if this specific model is end-of-life (EOL)?