Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFELF10M7FAA0-R0

  • AI
    The **SFELF10M7FAA0-R0** is a specific electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Filters**, specifically designed for Intermediate Frequency (IF) stages in FM broadcasting and communication equipment. --- ### 1. General Specifications This component is used to select a specific frequency range while suppressing unwanted signals. | Property | Value / Detail | | :--- | :--- | | **Component Type** | Ceramic Filter (MHz) | | **Center Frequency** | 10.7 MHz | | **Bandwidth** | 280 kHz (at 3dB) | | **Insertion Loss** | 3.5 dB (max) | | **Package Style** | Lead-free SMD (Surface Mount Device) | | **Application** | FM Radio receivers, Telecommunications | --- ### 2. Part Number Breakdown Murata part numbers follow a specific nomenclature that describes the technical characteristics of the filter: * **SFELF**: Indicates the product series (SMD Ceramic Filter for FM). * **10M7**: Represents the center frequency (10.7 MHz). * **FAA0**: A code indicating specific bandwidth characteristics and technical tolerances. * **R0**: Refers to the packaging style (usually indicating Tape & Reel for automated assembly). --- ### 3. Key Technical Features * **Piezoelectric Effect:** The device utilizes the mechanical resonance of piezoelectric ceramics to filter electrical signals. * **Selectivity:** It is designed for high selectivity, meaning it has a "sharp" response curve to ensure only the desired 10.7 MHz signal passes through with minimal interference from adjacent stations. * **Compact Form Factor:** Being an SMD component, it is significantly smaller than older through-hole "blue" ceramic filters, making it ideal for modern compact electronics. --- ### 4. Typical Application Circuit In a superheterodyne receiver, this filter is placed after the mixer stage. ```mermaid graph LR Antenna --> Mixer Local_Oscillator --> Mixer Mixer --> SFELF10M7FAA0-R0 SFELF10M7FAA0-R0 --> Demodulator ``` --- ### 5. Handling and Storage 1. **Moisture Sensitivity:** As an SMD part, it is sensitive to reflow soldering temperatures. Ensure it is stored in a dry environment. 2. **Mechanical Stress:** Ceramic components are brittle. Avoid excessive bending of the PCB to prevent internal micro-cracks.
    ✨ Follow-up Questions
    • ⤷What is the difference between this SMD filter and traditional through-hole ceramic filters?
    • ⤷ Can this filter be used for AM frequency processing?
    • ⤷ What are the typical input/output impedance values for this part?