Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFP-R3-APD

  • AI
    The **SFP-R3-APD** is a high-performance optical receiver sub-assembly (ROSA) or specific SFP module variant designed for long-reach fiber optic communications. The "APD" suffix is the most critical electronic distinction, standing for **Avalanche Photodiode**. --- ## 1. Core Electronic Components The device is composed of several sophisticated electronic stages designed to convert high-speed light pulses into clean electrical signals. | Component | Function | Description | | :--- | :--- | :--- | | **APD (Avalanche Photodiode)** | Optical-to-Electrical Conversion | Uses the "impact ionization" effect to provide internal gain, making it far more sensitive than standard PIN diodes. | | **TIA (Trans-Impedance Amplifier)** | Signal Pre-amplification | Converts the weak current from the APD into a measurable voltage signal while minimizing noise. | | **LA (Limiting Amplifier)** | Signal Shaping | Quantizes the analog signal from the TIA into a clean digital square wave for the host system. | | **DC-DC Converter / APD Bias** | Voltage Regulation | Generates the high reverse-bias voltage (typically 30V–60V) required for the APD to function. | | **EEPROM / MCU** | Digital Diagnostics | Stores calibration data and handles the I2C interface for Digital Optical Monitoring (DOM). | --- ## 2. Technical Specifications Typical electronic and optical characteristics for an R3 (often 1310nm or 1550nm) APD receiver: * **Sensitivity:** Typically -24 dBm to -32 dBm (compared to -18 dBm for PIN diodes). * **Data Rate:** Usually optimized for 1.25 Gbps (Gigabit Ethernet) or 2.5 Gbps (OC-48/STM-16). * **Supply Voltage:** 3.3V DC. * **Overload Power:** -3 dBm to -9 dBm (Warning: APDs can be damaged by high-power light sources without attenuation). --- ## 3. Electronic Protection & Monitoring (DOM) The electronic architecture includes **SFF-8472** compliant monitoring, which allows the host switch/router to read real-time data: 1. **Received Power (Rx_Power):** Monitors the strength of the incoming light. 2. **Temperature:** Internal thermistor tracks the heat of the TIA/APD. 3. **Voltage:** Monitors the 3.3V rail stability. 4. **Bias Current:** Tracks the health of the laser (if it is a full transceiver). --- ## 4. Why Use an APD? In long-distance fiber runs (e.g., 40km, 80km, or 120km), the light signal becomes extremely faint. A standard PIN diode cannot detect these weak signals above the electronic "noise floor." The **APD** acts like a built-in electronic multiplier; for every 1 photon that hits the sensor, the APD generates a "cascade" of electrons (avalanche), effectively amplifying the signal before it even reaches the TIA.
    ✨ Follow-up Questions
    • ⤷ What is the maximum optical input power before an APD is damaged?
    • ⤷ How does temperature affect the breakdown voltage of an APD?
    • ⤷ What is the difference between a PIN-based SFP and an APD-based SFP?