Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFP-VDSL-R

  • AI
    The **SFP-VDSL-R** is an "SFP-type" VDSL2 bridge modem. Unlike standard optical transceivers, this device integrates a full VDSL2 modem chipset into the small form factor of an SFP module, allowing routers and switches to support copper-based broadband via an RJ-45 port. ### 1. Key Internal Electronic Components The complexity of this device lies in miniaturizing a full modem into a high-density PCB. | Component Category | Description | | :--- | :--- | | **Main Chipset** | Typically a high-performance **VDSL2 SoC** (System on Chip) that handles the physical layer (PHY) and Discrete Multi-Tone (DMT) modulation. | | **AFE (Analog Front End)** | Filters and amplifies the high-frequency analog signals coming from the copper phone line. | | **Flash Memory / RAM** | Internal memory used to store the device firmware and operational configurations. | | **Power Management (PMIC)** | Converts the 3.3V supplied by the SFP host port into the lower voltages required by the internal CPU and AFE. | | **Isolation Transformer** | Protects the internal circuitry from high-voltage surges and electromagnetic interference (EMI) on the copper line. | --- ### 2. Functional Architecture The SFP-VDSL-R acts as a bridge between two different interface domains: 1. **The SFP Interface (Host Side):** * Uses a **SerDes** (Serializer/Deserializer) interface. * Communicates with the switch/router using **1000Base-X** or **SGMII** protocols. 2. **The VDSL2 Interface (Line Side):** * Utilizes an **RJ-45 connector** (though it uses copper telephone pairs, not Ethernet wiring). * Supports ITU-T G.993.2 standards (Profiles 8a, 12a, 17a, 30a). --- ### 3. Technical Specifications Below are the typical electronic performance metrics for the "R" (Remote/CPE) version: | Feature | Specification | | :--- | :--- | | **Standard** | ITU-T G.993.2 VDSL2 / G.992.5 ADSL2+ | | **Data Rate** | Up to 100Mbps (Downstream) / 100Mbps (Upstream) | | **Input Voltage** | 3.3V (provided by SFP Socket) | | **Power Consumption** | ~1.5W to 2.1W (High heat density) | | **Connector** | RJ-45 (Pin 4/5 for Tip/Ring) | --- ### 4. Hardware Considerations * **Heat Dissipation:** Because a full modem is packed into a tiny metal casing, these units get very hot. They often require switches with good airflow or industrial-grade temperature ratings. * **Encapsulation:** The modem uses **ATM** or **PTM** (Packet Transfer Mode) to encapsulate Ethernet frames into the VDSL signal.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SFP-VDSL-R and SFP-VDSL-CO models?
    • ⤷ Can this module work in any standard SFP port without special software?
    • ⤷ How does the power consumption of this module compare to a standard fiber SFP?