Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFPKA455KF4A-R1

  • AI
    ## Analysis of SFPKA455KF4A-R1 The **SFPKA455KF4A-R1** is a surface-mount (SMD) **Ceramic Filter** manufactured by Murata Electronics. It is part of the SFCHP/SFPKA series, specifically designed for the Intermediate Frequency (IF) stage in communication devices. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Center Frequency (fo)** | 455 kHz | | **Bandwidth (at 6dB)** | ±7.5 kHz (min) | | **Selectivity (at 40dB)** | ±15.0 kHz (max) | | **Insertion Loss** | 4.0 dB (max) | | **Input/Output Impedance** | 1.5 kΩ | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Functional Description This component acts as a **Bandpass Filter**. In radio receivers (Superheterodyne), the incoming signal is converted to a fixed Intermediate Frequency—usually 455 kHz for AM radio and narrow-band FM. * **Signal Selection:** It allows the desired signal at 455 kHz to pass through while significantly attenuating (blocking) noise and adjacent channel interference. * **Piezoelectric Effect:** It utilizes the mechanical vibration of piezoelectric ceramics to achieve high selectivity and stability in a very small form factor. --- ### 3. Application Areas The SFPKA series is typically used in compact wireless communication equipment due to its low profile and SMD design. * **Cordless Phones:** Standard filtering for signal clarity. * **Pagers & Handheld Radios:** Narrow-band communication filtering. * **AM/FM Receivers:** IF stage filtering in portable electronic devices. * **Remote Control Systems:** Industrial and consumer RF remote receivers. --- ### 4. Circuit Implementation When integrating the SFPKA455KF4A-R1, engineers must pay close attention to **Impedance Matching**. ```c // Design Tip: // Ensure the source and load impedance matches 1.5 kOhm. // If the IC output impedance is different, use a resistor // or transformer to prevent signal reflection and ripple. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the common alternatives to the SFPKA455KF4A-R1 if it is out of stock?
    • ⤷ How does the 'K' or 'F' designation in the part number affect the bandwidth?
    • ⤷ Can this filter be used in high-temperature industrial environments above 85°C?