Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFSKB2M30GF00-R1

  • AI
    ## Technical Overview: SFSKB2M30GF00-R1 The **SFSKB2M30GF00-R1** is a high-performance **SFECV Series Surface Mount Ceramic Filter** manufactured by **Murata Electronics**. These components are primarily used in the Intermediate Frequency (IF) stages of FM receivers to provide selectivity and noise rejection. --- ### 1. Key Specifications The following table highlights the critical electrical and physical parameters of this component: | Parameter | Specification | | :--- | :--- | | **Center Frequency (fc)** | 2.300 MHz | | **Bandwidth (3dB)** | 30 kHz ± 10 kHz | | **Insertion Loss** | 6.0 dB max | | **Input/Output Impedance** | 1000 $\Omega$ | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 6.9 x 3.1 x 2.0 mm | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Functional Electronic Role This part acts as a **Band-pass Filter**. Its primary functions include: * **Frequency Selection:** It allows a specific narrow band of frequencies (centered at 2.3 MHz) to pass through while significantly attenuating frequencies outside this range. * **Spurious Signal Suppression:** It filters out unwanted harmonics and noise generated during the mixing process in radio circuits. * **Impedance Matching:** With a standard 1000 $\Omega$ impedance, it is designed to interface seamlessly with standard IF amplifier stages. --- ### 3. Construction and Material * **Piezoelectric Ceramic:** The device utilizes the piezoelectric effect of ceramic materials. Electrical signals are converted into mechanical vibrations; only the vibrations at the resonant frequency pass through to be converted back into electrical signals at the output. * **Small Footprint:** As part of the SFECV series, it is designed for lead-free soldering and high-density mounting on PCBs (Printed Circuit Boards). --- ### 4. Typical Applications 1. **FM Radio Receivers:** Used in the IF stage for signal processing. 2. **Communication Equipment:** Narrow-band data transmission systems. 3. **Remote Control Systems:** Filtering carrier signals in wireless control units. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering profiles for the SFSKB series to avoid ceramic cracking?
    • ⤷ How does the 30 kHz bandwidth affect the audio quality in FM applications?
    • ⤷ Are there alternative center frequencies available in the Murata SFECV product line?