Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SFSKB3M80GF00-R1

  • AI
    The **SFSKB3M80GF00-R1** is a high-performance **Surface Mount (SMD) Ceramic Filter** manufactured by **Murata Electronics**. It is specifically designed for use in FM receiver circuits, primarily for the Intermediate Frequency (IF) stage. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electrical and physical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Center Frequency (fo)** | 3.800 MHz | | **3dB Bandwidth** | ± 60 kHz (Minimum) | | **Insertion Loss** | 6.0 dB (Maximum) | | **Spurious Response** | 30 dB (Minimum) | | **Input/Output Impedance** | 1000 $\Omega$ | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | Surface Mount Device (SMD) | | **Packaging** | Tape & Reel (R1 suffix) | --- ### 2. Functional Description The SFSKB3M80GF00-R1 belongs to the **SFSKB series**. Its primary job is **frequency selection**. In a radio receiver: * **Selectivity:** It allows the desired signal at 3.8 MHz to pass through while heavily attenuating (blocking) interference from adjacent frequencies. * **Ceramic Technology:** It utilizes the piezoelectric effect of ceramics. Electrical signals are converted into mechanical vibrations; only those matching the resonant frequency of the ceramic material pass through and are converted back into electrical signals. * **Small Footprint:** Designed for modern compact electronics, replacing older, bulky canned inductors or through-hole filters. --- ### 3. Applications This specific filter is typically found in: 1. **Communication Equipment:** Narrow-band FM receivers. 2. **Wireless Data Transmission:** Low-speed RF data links. 3. **Remote Control Systems:** Receivers that operate in the MHz range requiring stable IF filtering. 4. **Consumer Electronics:** Older style cordless phones or specialized radio equipment. --- ### 4. Circuit Integration Tips * **Impedance Matching:** To achieve the specified bandwidth and low ripple, the input and output must be matched to **1000 $\Omega$**. Incorrect matching will cause signal distortion and increased insertion loss. * **Grounding:** Ensure the ground terminals are connected to a solid ground plane to prevent "blow-by" (signal bypassing the filter via stray capacitance). * **Orientation:** As an SMD component, ensure correct pad alignment during the reflow soldering process to avoid thermal stress on the ceramic element.
    ✨ Follow-up Questions
    • ⤷ What are the common alternatives if the 1000 ohm impedance cannot be matched?
    • ⤷ How does the 'R1' suffix specifically affect the ordering process?
    • ⤷ Can this filter be used in high-temperature industrial environments?