Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SH331M

  • AI
    The identifier **SH331M** typically refers to an **Aluminum Electrolytic Capacitor**. This alphanumeric code is a standard part numbering format used by electronic component manufacturers (like Samyoung, Lelon, or Samwha) to describe the component's specifications. --- ## 1. Breakdown of the Part Number The code can be decoded into three specific segments: | Segment | Value | Meaning | | :--- | :--- | :--- | | **SH** | Series Code | Represents the **Series Type**. "SH" usually denotes a standard or high-temperature (typically 105°C) radial lead series. | | **331** | Capacitance Code | Represents the capacitance in Picofarads (pF). **33** followed by **1** zero = 330pF? No, in power electronics, this is usually **330µF**. | | **M** | Tolerance | Represents a capacitance tolerance of **±20%**. | ### Capacitance Calculation The value **331** uses a three-digit shorthand: - First two digits: **33** (Significant figures) - Third digit: **1** (Multiplier, $10^1$) - Result: $330 \text{ microfarads (µF)}$ --- ## 2. Technical Specifications While the voltage rating is usually printed separately on the physical casing (e.g., 16V, 25V, 50V), a standard SH331M capacitor generally adheres to these specs: ### Electrical Characteristics * **Type:** Polarized Electrolytic (must be installed with correct +/- orientation). * **Capacitance:** 330µF. * **Tolerance:** ±20% (Standard for electrolytic filters). * **Temperature Rating:** Typically rated up to **105°C** (Standard for "SH" series). --- ## 3. Physical Construction These components are usually "Radial" type, meaning both wire leads come out of the same end (the bottom). | Feature | Description | | :--- | :--- | | **Casing** | Cylindrical aluminum "can" wrapped in an insulating sleeve. | | **Safety Vent** | A "K" or "X" shaped score on the top to prevent explosion if the part fails. | | **Polarity Mark** | A wide stripe (usually white or grey) on the side indicating the **Negative (-)** terminal. | --- ## 4. Common Applications Because 330µF is a mid-range capacitance value, it is frequently used for: 1. **Power Supply Filtering:** Smoothing out ripples in DC voltage lines. 2. **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass in audio or data circuits. 3. **Energy Storage:** Providing a small reservoir of power for sudden load spikes. ---
    ✨ Follow-up Questions
    • ⤷ How do I determine the voltage rating of an SH331M if it isn't in the part number?
    • ⤷ What is the difference between an SH series and an SS series capacitor?
    • ⤷ How can I test if an SH331M capacitor is still functioning correctly?