Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SHT40-BD1B-R2

  • AI
    The **SHT40-BD1B-R2** is a high-precision digital sensor manufactured by **Sensirion**. It belongs to the 4th generation of humidity and temperature sensors (SHT4x series) and is specifically designed for high-volume, low-power consumer and industrial electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Relative Humidity Range** | 0 to 100 %RH | High accuracy over the full range | | **RH Accuracy** | ±1.8 %RH | Typical accuracy at 25°C | | **Temperature Range** | -40 to +125 °C | Operates in extreme environments | | **Temperature Accuracy** | ±0.2 °C | High precision digital output | | **Supply Voltage (VDD)** | 1.08 V to 3.6 V | Ideal for battery-powered devices | | **Communication** | I2C Protocol | Fast-mode Plus (up to 1 MHz) | | **Idle Current** | 80 nA | Extremely low standby power | --- ### 2. Physical and Electronic Features #### **Package Design** * **DFN Package:** It comes in a 4-pin Dual Flat No-leads (DFN) package measuring only **1.5 x 1.5 x 0.5 mm**. * **BD1B Suffix:** This specific variant indicates the **base-address** (I2C address 0x44) and the tape-and-reel packaging specifications. #### **Internal Heater** The chip features an integrated high-power heater. This is used for: 1. **Removing Condensation:** Clearing liquid water from the sensor surface. 2. **Self-Test:** Validating the sensor functionality. 3. **Creep Compensation:** Periodically "baking" the sensor to maintain accuracy in high-humidity environments. --- ### 3. I2C Interface & Wiring The sensor communicates via a standard I2C bus. Below is the typical pinout configuration: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | SDA | Serial Data (I/O) | | 2 | SCL | Serial Clock (Input) | | 3 | VDD | Supply Voltage | | 4 | VSS | Ground | #### **Example Connection Diagram** ```cpp // Typical I2C connection logic // VDD -> 1.8V or 3.3V (with 100nF decoupling capacitor) // VSS -> GND // SDA -> MCU SDA (with Pull-up resistor) // SCL -> MCU SCL (with Pull-up resistor) ``` --- ### 4. Comparison: SHT40 vs. Other Generations Compared to the previous SHT3x series, the SHT4x (and specifically the SHT40-BD1B-R2) offers: * **Reduced Power Consumption:** Nearly 50% lower than SHT3x. * **Faster Response Time:** Improved thermal coupling. * **Wider Voltage Range:** Supports the newer 1.2V logic levels. * **Cost-Effectiveness:** Designed for streamlined high-volume manufacturing. --- ### 5. Typical Applications * **Smart Home:** Thermostats and HVAC controllers. * **Wearables:** Smartwatches and fitness trackers (due to tiny size). * **Mobile Devices:** Smartphones and tablets. * **Industrial:** Cold chain monitoring and data loggers.
    ✨ Follow-up Questions
    • ⤷What is the difference between the SHT40 and the higher-accuracy SHT41 or SHT45?
    • ⤷ How do I implement the heater function in code to prevent sensor drift?
    • ⤷ What are the recommended pull-up resistor values for the I2C bus on this sensor?