Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SI53112-A00AGM

  • AI
    ### SI53112-A00AGM Overview The **SI53112-A00AGM** is a high-performance, low-power **1:12 PCIe Fanout Buffer** designed by Skyworks Solutions (formerly Silicon Labs). It is specifically engineered to distribute high-speed PCIe (Peripheral Component Interconnect Express) clocks across multiple components on a PCB while maintaining ultra-low jitter. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | PCIe Clock Fanout Buffer | | **Input/Output Ratio** | 1 Input to 12 Outputs | | **Supported Standards** | PCIe Gen1, Gen2, Gen3, Gen4, and Gen5 | | **Output Type** | Low-power HCSL (Host Clock Signal Level) | | **Operating Voltage** | 3.3V ± 5% | | **Package** | 64-pin QFN (9 x 9 mm) | | **Operating Temperature** | -40°C to +85°C (Industrial) | --- ### Core Electronic Characteristics #### 1. Low Power HCSL Outputs Traditional HCSL outputs require external termination resistors (typically 50Ω to ground), which consume significant power. The SI53112-A00AGM utilizes **low-power HCSL drivers** that incorporate internal termination, reducing the Bill of Materials (BOM) count and lowering total power consumption. #### 2. Clock Jitter Performance To meet the rigorous requirements of **PCIe Gen5**, this device maintains extremely low additive phase jitter. This ensures that the clock signal remains "clean" as it is split into 12 paths, preventing data errors in high-speed communication. #### 3. Individual Output Enables The chip features hardware control pins (OE bits) that allow the system to enable or disable specific clock outputs. This is critical for power management in complex systems where certain peripherals may be in sleep mode. #### 4. Spread Spectrum Compatibility The buffer is designed to pass through "Spread Spectrum Clocking" (SSC) without distortion. SSC is a technique used to reduce Electromagnetic Interference (EMI) by slightly modulating the clock frequency. --- ### Application Scenarios The SI53112-A00AGM is commonly found in environments requiring high-density clock distribution: * **Servers and Storage:** Distributing the base clock to multiple NVMe drives or network interface cards. * **Communication Systems:** Providing synchronized timing for high-speed switches and routers. * **Industrial Computing:** Clocking multiple PCIe expansion slots on a single motherboard. --- ### Typical Connection Block Diagram ```text [ Root Complex / Clock Generator ] | | (100MHz Differential Pair) v [ SI53112-A00AGM ] / | | \ Out0 Out1 ... Out11 | | | [GPU] [SSD] [FPGA] ```
    ✨ Follow-up Questions
    • ⤷ How does the SI53112-A00AGM differ from a standard zero-delay buffer (ZDB)?
    • ⤷ What are the specific termination requirements for the HCSL outputs on this chip?
    • ⤷ Can this device be used for non-PCIe applications like 10GbE?