Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SIG252010-R50

  • AI
    The **SIG252010-R50** is a specific type of surface-mount (SMD) power inductor. This component is widely used in compact electronic devices for power management and signal filtering. --- ### 1. Part Number Breakdown To understand the part, we can decode the typical naming convention used for these power inductors: | Segment | Meaning | Value | | :--- | :--- | :--- | | **SIG** | Series Name | High-current shielded power inductor series | | **2520** | Case Size (Metric) | 2.5mm x 2.0mm footprint | | **10** | Height Profile | 1.0mm maximum thickness | | **R50** | Inductance Value | 0.50 µH (Microhenries) | --- ### 2. Key Technical Specifications The "R50" indicates a low inductance value, which is typical for high-frequency DC-DC converters (like buck converters). * **Inductance:** 0.50 µH (±20% or ±30% tolerance). * **Material:** Metal Alloy core (usually molded). This provides "soft saturation" characteristics, meaning the inductance doesn't drop off abruptly when current increases. * **Shielding:** Magnetically shielded construction to minimize Electromagnetic Interference (EMI) with surrounding components. * **DCR (DC Resistance):** Very low, typically in the range of 15–30 mΩ, which helps in reducing heat and power loss. * **Rated Current (Isat):** Usually high for its size, often ranging from 4A to 6A depending on the specific manufacturer (e.g., Cyntec, Sunlord, or Bourns equivalents). --- ### 3. Features and Advantages The SIG252010-R50 is designed for modern, high-density PCB layouts: 1. **Low Profile:** The 1.0mm height makes it ideal for ultra-thin devices like smartphones and tablets. 2. **High Efficiency:** The metal alloy core allows for high saturation currents in a small physical volume. 3. **Stability:** It maintains stable performance over a wide temperature range (typically -40°C to +125°C). --- ### 4. Common Applications This part is most frequently found in: * **Smartphone PMICs:** Power Management Integrated Circuits. * **Laptops/Tablets:** Voltage regulator modules (VRMs). * **Portable SSDs:** Filtering power rails for NAND flash and controllers. * **IoT Devices:** Where space is at a premium and battery efficiency is critical.
    ✨ Follow-up Questions
    • ⤷What is the saturation current (Isat) of this specific inductor?
    • ⤷ How does a metal alloy core differ from a ferrite core in inductors?
    • ⤷ What are the recommended footprint dimensions for soldering a 2520 component?