Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SIG252012-R50

  • AI
    The **SIG252012-R50** is a specific surface-mount (SMD) power inductor. The part number typically follows a standard industry naming convention used by manufacturers like **Cyntec** or **Samsung**, where the alphanumeric string describes its physical dimensions and electrical properties. --- ### 1. Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.50 µH (Microhenries) | | **Inductance Tolerance** | Typically ±20% (indicated by 'M' in some extended codes) | | **Package Size** | 2520 (Metric: 2.5mm x 2.0mm) | | **Height** | 1.2 mm | | **Construction** | Metal Alloy / Molded Power Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its role in a circuit: * **SIG**: Series prefix, usually denoting a high-current, molded power inductor with a metallic core (excellent for EMI shielding). * **2520**: Physical footprint. Length is **2.5mm** and width is **2.0mm**. * **12**: Maximum height of the component, which is **1.2mm**. * **R50**: The inductance value. The "R" acts as a decimal point. Therefore, **R50 = 0.50 µH**. --- ### 3. Key Features & Materials * **Metallic Core:** Unlike traditional ferrite inductors, these use a metal alloy powder. This allows for a higher **Saturation Current (Isat)**, meaning the inductance stays stable even as the current increases. * **Molded Construction:** The coil is embedded in a composite material, which minimizes "acoustic noise" (buzzing) and provides superior magnetic shielding to prevent interference with nearby components. * **Low DCR:** Designed to have very low Direct Current Resistance to minimize power loss and heat generation. --- ### 4. Common Applications This specific inductor is typically found in high-frequency DC-DC converters and power management modules for portable electronics: 1. **Smartphones & Tablets:** Used in CPU/GPU power supply rails. 2. **SSD Drives:** For voltage regulation in compact storage devices. 3. **Wearables:** Ideal for smartwatches due to the ultra-low 1.2mm profile. 4. **POL (Point of Load) Converters:** Providing stable power to specific integrated circuits on a PCB. --- ### 5. Example Circuit Representation In a schematic, this part would be represented as follows: ```mermaid graph LR Vin[Input Voltage] --> L1[SIG252012-R50 Inductor] L1 --> Vout[Output Voltage] L1 --- C1[Output Capacitor] style L1 fill:#f9f,stroke:#333,stroke-width:2px ```
    ✨ Follow-up Questions
    • ⤷What is the typical saturation current for a 0.50uH 2520 inductor?
    • ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
    • ⤷ What are the recommended soldering profiles for SMD inductors of this size?