Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SIL740-R66

  • AI
    The **SIL740-R66** is a specific model of a **Shielded Power Inductor**, commonly used in surface-mount technology (SMT) applications. It is designed to handle high-frequency power conversion while minimizing electromagnetic interference (EMI). --- ### 1. Key Technical Specifications The part number "SIL740-R66" typically breaks down into the series type, physical dimensions, and inductance value. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.66 µH | The nominal inductance value (R66 = 0.66). | | **Tolerance** | ±20% (Typical) | The allowable variance from the nominal inductance. | | **Series** | SIL740 | Indicates a 7.0mm x 7.0mm footprint with a 4.0mm height. | | **Shielding** | Magnetically Shielded | Reduces leakage flux and interference with nearby components. | | **Mounting Type** | SMD/SMT | Surface Mount Device for automated PCB assembly. | --- ### 2. Component Composition The device is constructed using several key materials to optimize performance: * **Ferrite Core:** The heart of the inductor, providing high magnetic permeability. * **Copper Wire:** Wound around the core to create the inductive field. * **Magnetic Shielding:** A specialized epoxy or ferrite housing that encases the coil to prevent EMI. * **Solder Pads:** Tin-plated terminals for robust attachment to the PCB. --- ### 3. Common Applications Due to its low inductance (0.66 µH) and high current-carrying capacity, it is ideal for: 1. **DC-DC Converters:** Used as a storage element in buck, boost, or buck-boost regulators. 2. **Voltage Regulator Modules (VRMs):** Found in motherboards and high-performance servers. 3. **Portable Electronics:** Used in tablets and laptops where space is limited but power efficiency is critical. 4. **Noise Filtering:** Smoothing out ripples in power supply lines. --- ### 4. Comparison Table: Shielded vs. Unshielded | Feature | Shielded (SIL740) | Unshielded | | :--- | :--- | :--- | | **EMI/RFI** | Very Low | High | | **Size** | Slightly Larger | Smaller | | **Saturation Current** | Linear Drop-off | Sharp Drop-off | | **Cost** | Slightly Higher | Lower | --- ### 5. Code Example: Calculating Inductive Reactance ($X_L$) If you are designing a circuit with this inductor, you may need to calculate its reactance at a specific frequency (e.g., 500 kHz) using Python: ```python import math def calculate_reactance(inductance_uh, frequency_khz): # Convert units to Henrys and Hertz L = inductance_uh * 1e-6 f = frequency_khz * 1e3 # Formula: X_L = 2 * pi * f * L reactance = 2 * math.pi * f * L return reactance inductance = 0.66 # R66 frequency = 500 # 500 kHz xl = calculate_reactance(inductance, frequency) print(f"Reactance at {frequency}kHz: {round(xl, 4)} Ohms") ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (I-sat) for the SIL740 series?
    • ⤷ How does the 'R66' naming convention differ from '660'?
    • ⤷ What are the thermal considerations when placing this inductor on a PCB?