Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SL393D

  • AI
    ## Overview of the SL393D The **SL393D** is a low-power, dual differential comparator integrated circuit (IC). It is widely used in electronic circuits to compare two input voltages and provide a digital output based on which input is higher. It is functionally compatible with the industry-standard **LM393**. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the SL393D: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Comparator) | | **Supply Voltage (Single)** | +2.0V to +36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Current Drain** | 0.4 mA (Low power consumption) | | **Input Offset Voltage** | ±5.0 mV (Typical) | | **Output Type** | Open Collector | | **Package Type** | DIP-8 or SOP-8 | --- ### 2. Pin Configuration (DIP-8/SOP-8) The SL393D typically comes in an 8-pin package with the following layout: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUTPUT A** | Output of the first comparator | | 2 | **INPUT A-** | Inverting input of the first comparator | | 3 | **INPUT A+** | Non-inverting input of the first comparator | | 4 | **GND / V-** | Ground or negative power supply | | 5 | **INPUT B+** | Non-inverting input of the second comparator | | 6 | **INPUT B-** | Inverting input of the second comparator | | 7 | **OUTPUT B** | Output of the second comparator | | 8 | **Vcc / V+** | Positive power supply | --- ### 3. Core Electronic Features #### Open Collector Output The SL393D features an **open collector output**. This means it requires an external **pull-up resistor** to function correctly. This allows the output to interface with different logic levels (e.g., 3.3V, 5V, or 15V) regardless of the IC's supply voltage. #### Wide Common-Mode Range The input common-mode voltage range includes ground, even though the device is operated from a single power supply voltage. #### Low Input Bias Current It has a very low input bias current (typically 25nA), which minimizes errors when used with high-impedance sensors. --- ### 4. Common Application Circuits The SL393D is frequently used in the following scenarios: * **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V. * **Voltage Limit Alarms:** Triggering an LED or buzzer when a battery voltage drops below a certain threshold. * **Square Wave Oscillators:** Generating clock signals. * **Level Translators:** Converting signals between different logic families. --- ### 5. Schematic Example (Basic Comparator) ```text Vcc (+) | [R_pull-up] | Input+--| \ | >---- Output (Digital) Input---|_/ | GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current the SL393D can sink?
    • ⤷ How does an open collector output differ from a push-pull output?
    • ⤷ Can the SL393D be used as an Operational Amplifier?