Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMART3000NET_15

  • AI
    The **Tripp Lite SMART3000NET** is a line-interactive Uninterruptible Power Supply (UPS) designed for server rooms and networking equipment. Its electronic architecture is built to manage power conditioning, battery management, and high-speed switching. --- ### Core Electronic Components The system is divided into several functional blocks that work together to provide clean power: | Component Category | Primary Function | Key Parts / Characteristics | |:---|:---|:---| | **Power Inverter** | Converts DC to AC | High-current MOSFETs or IGBTs mounted on heavy-duty heatsinks. | | **Voltage Regulator** | Automatic Voltage Regulation (AVR) | Multi-tap autotransformer and mechanical relays to boost/trim voltage without using batteries. | | **Control Logic** | System Monitoring | Microprocessor-based control board (PCB) that manages charging and fault detection. | | **Battery Array** | Energy Storage | Internal 24V or 48V DC bus (depending on specific revision) using Sealed Lead Acid (SLA) batteries. | | **Surge Suppression** | Protection | Metal Oxide Varistors (MOVs) and EMI/RFI filtering capacitors. | --- ### Key Electronic Processes #### 1. Automatic Voltage Regulation (AVR) Unlike standby UPS systems, the SMART3000NET uses an **Autotransformer**. - If the input voltage drops (brownout), the logic board triggers a relay to switch to a higher tap on the transformer. - This stabilizes the output to ~120V (or 230V) without depleting the battery. #### 2. Charging Circuitry The device features a constant-current/constant-voltage charging circuit. It is designed to maintain the batteries at a "float" voltage to maximize lifespan. - **Pulse Width Modulation (PWM):** Often used in the charging stage to ensure efficiency. #### 3. Communications Interface The "NET" suffix indicates enhanced communication capabilities. - **DB9 / USB Ports:** These provide dry contact closures or serial data to shutdown software. - **SNMP Slot:** An internal expansion port for an optional network card (like the WEBCARDLX) to allow remote management via Ethernet. --- ### Maintenance & Safety Components ```text Safety Warning: The SMART3000NET contains large electrolytic capacitors and high-voltage batteries. Even when unplugged, lethal voltages may be present. ``` - **Circuit Breakers:** Resettable thermal breakers on the rear panel protect against output overloads. - **Cooling Fans:** DC-powered brushless fans regulated by thermal sensors on the MOSFET heatsinks. - **Transfer Switch:** A high-speed relay that switches the load from Utility to Inverter power in approximately 2–4 milliseconds. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific battery specifications for the SMART3000NET?
    • ⤷ How does line-interactive UPS technology differ from double-conversion UPS?
    • ⤷ How do I troubleshoot a 'Site Wiring Fault' LED on this model?