Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMC04-5-R

  • AI
    The **SMC04-5-R** is a high-performance, single-axis stepper motor controller/driver module. It is designed for precision motion control in industrial automation, often used where ease of programming and compact form factor are required. --- ### 1. Key Technical Specifications The following table highlights the core electrical and mechanical parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Logic and Motor Power) | | **Drive Current** | Up to 1.5A - 2A (depending on heat sinking) | | **Control Method** | Pulse/Direction (PUL/DIR) or Integrated Commands | | **Microstepping** | Full step, 1/2, 1/4, 1/8, 1/16, 1/32 | | **Communication** | Serial (UART/RS232/RS485 depending on sub-variant) | | **Motor Type** | 2-Phase Bipolar Stepper Motors | --- ### 2. Core Electronic Components The SMC04-5-R typically integrates several critical sub-systems onto its PCB: #### A. The Driver IC (H-Bridge) At the heart of the module is a specialized stepper driver chip (often a variant of the **Allegro A4988** or **TI DRV8xxx** series). This chip manages the H-bridge power delivery to the motor coils, regulating current to prevent overheating while maintaining torque. #### B. Microcontroller Unit (MCU) Unlike simple driver boards, the SMC04 series includes an onboard MCU. This allows the device to: * Store motion profiles (acceleration/deceleration ramps). * Process logic signals from limit switches. * Communicate with a Master PLC or PC via serial protocols. #### C. Power Regulation & Protection * **Decoupling Capacitors:** Electrolytic and ceramic capacitors filter noise from the 5V power rail to ensure stable motor operation. * **TVS Diodes:** Often included to protect the logic circuits from "back-EMF" (voltage spikes generated by the motor when it slows down or is turned manually). --- ### 3. Pinout and Interface The module usually features a terminal block or pin header interface categorized as follows: 1. **Power Input:** `VCC` (5V) and `GND`. 2. **Motor Output:** `A+`, `A-`, `B+`, `B-` (Coil connections). 3. **Control Interface:** * **PUL/CLK:** Pulse input (controls speed). * **DIR:** Direction input (High/Low for CW/CCW). * **EN:** Enable/Disable the motor current. 4. **Feedback/Limit:** Inputs for Home or Limit switches to prevent mechanical over-travel. --- ### 4. Typical Applications * **Medical Devices:** Precision syringe pumps or laboratory automation. * **3D Printing/CNC:** Small-scale linear actuators. * **Camera Gimbals:** Controlled panning and tilting mechanisms.
    ✨ Follow-up Questions
    • ⤷ What is the maximum step frequency supported by the SMC04-5-R?
    • ⤷ Does this module require an external heatsink for continuous 1.5A operation?
    • ⤷ How do I configure the microstepping jumpers on this specific board?