Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMC1210-R22M

  • AI
    The **SMC1210-R22M** is a specific surface-mount (SMD) wire-wound chip inductor. Its nomenclature reveals its physical size, electrical properties, and tolerance. --- ## 1. Technical Specifications Below are the primary parameters associated with this component: | Parameter | Specification | Note | | :--- | :--- | :--- | | **Type** | Wire-wound Chip Inductor | High reliability and high Q factor | | **Case Size** | 1210 (Metric: 3225) | 3.2mm x 2.5mm x 2.2mm | | **Inductance** | 0.22 µH (R22) | "R" represents the decimal point | | **Tolerance** | ±20% (M) | Standard tolerance for high-current power inductors | | **Mounting Type** | Surface Mount (SMD) | Designed for pick-and-place machines | --- ## 2. Deciphering the Part Number The part number follows a standard industry naming convention: * **SMC**: Series prefix (typically Surface Mount Chip inductor). * **1210**: The EIA footprint size (1.2 inches by 0.10 inches). * **R22**: The Inductance value. **R** acts as the decimal. R22 = 0.22. * **M**: The tolerance code. **M** stands for ±20%. --- ## 3. Key Electronic Features Inductors like the SMC1210-R22M are chosen for specific circuit behaviors: ### A. Frequency Response Because it is a wire-wound inductor, it offers a relatively high **Self-Resonant Frequency (SRF)**. This means it maintains inductive behavior at high frequencies before becoming capacitive. ### B. DC Resistance (DCR) The "1210" package size allows for a thicker wire than smaller 0603 or 0805 packages, resulting in lower DCR. This minimizes power loss and heat generation. ### C. Quality Factor (Q) Wire-wound inductors generally have a higher Q factor compared to multilayer ceramic inductors, making them more efficient in RF and filter applications. --- ## 4. Typical Applications * **DC-DC Converters:** Used as energy storage elements in power supplies. * **EMI Filtering:** Suppressing high-frequency noise in power lines. * **RF Matching:** Used in wireless communication circuits. * **Consumer Electronics:** Found in smartphones, tablets, and laptops for power management modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the current rating (Amps) limitations for the 1210 package size?
    • ⤷ How does a ±20% tolerance affect the performance of a DC-DC converter?
    • ⤷ What is the difference between wire-wound and multilayer inductors in this size?