Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMDCHR1008-R27

  • AI
    ### Detailed Analysis: SMD CHR1008-R27 The **SMD CHR1008-R27** is a surface-mount electronic component, specifically a **Wire-Wound Chip Inductor**. Below is a breakdown of its technical specifications, physical characteristics, and typical applications. --- ### 1. Part Number Breakdown To understand the component, we decode the nomenclature: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SMD** | Mounting Type | Surface Mount Device | | **CHR** | Series Code | Often refers to High-Frequency / Ceramic Core series | | **1008** | Case Size | Imperial size 1008 (approx. 2.5mm x 2.0mm) | | **R27** | Inductance Value | **0.27 µH** (or 270 nH) | --- ### 2. Technical Specifications While exact specs can vary slightly by manufacturer (e.g., Bourns, Murata, or TDK), the following are standard for a **R27 (270nH)** 1008 inductor: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.27 µH (270 nH) | | **Tolerance** | ±5% (J) or ±10% (K) | | **Quality Factor (Q min)** | 25 - 45 (at specific test frequency) | | **Self-Resonant Frequency (SRF)** | 500 MHz - 900 MHz | | **DC Resistance (DCR max)** | 0.50 - 1.2 Ohms | | **Rated Current (Idc)** | 300 mA - 600 mA | | **Core Material** | Ceramic or Ferrite (Ceramic is common for "CHR") | --- ### 3. Key Features * **Wire-Wound Construction:** Unlike multilayer inductors, these use a wire coiled around a core. This provides a much higher **Q-Factor** and lower DC resistance. * **Compact Footprint:** The 1008 (2520 metric) size is ideal for high-density circuit boards where space is limited but high performance is required. * **High Stability:** Excellent thermal stability and resistance to mechanical shock. --- ### 4. Applications This specific value (270nH) is commonly used in high-frequency circuitry: 1. **RF Circuits:** Used in impedance matching and resonant circuits for wireless communication (Wi-Fi, Bluetooth). 2. **Filtering:** Low-pass or band-pass filters to eliminate noise in signal lines. 3. **Decoupling:** Preventing high-frequency noise from entering sensitive power rails. 4. **Mobile Electronics:** Found in smartphones, tablets, and wearable tech due to the small form factor. --- ### 5. Identification on PCB When looking at a circuit board, this part usually appears as a small rectangular block with: * Two metallic end caps (Terminations). * A visible winding (if the casing is transparent/ceramic) or a solid molded body (usually black or white). * **Polarity:** Inductors are non-polarized; they can be soldered in either orientation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core for this inductor size?
    • ⤷ How do I calculate the ripple current limit for a 270nH inductor?
    • ⤷ What are the common alternatives to the 1008 package size for RF applications?