Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMDCHR1008-R91

  • AI
    ## SMDCHR1008-R91: Electronic Specifications and Overview The **SMDCHR1008-R91** is a high-frequency Surface Mount Device (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high precision and high Q-factors are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SMD** | Type | Surface Mount Device | | **CH** | Series | Ceramic High-Frequency / High Q series | | **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) | | **R91** | Inductance | 0.91 µH (910 nH) | --- ### 2. Key Technical Specifications Based on standard industry data for 1008-size ceramic chip inductors with an **R91** designation: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.91 µH (910 nH) | | **Tolerance** | ±5% (J) or ±10% (K) | | **Quality Factor (Q) min** | 25 - 35 (at 50 MHz) | | **Self-Resonant Frequency (SRF)** | ~250 - 300 MHz | | **DC Resistance (DCR) max** | 1.5 - 2.2 Ω | | **Rated Current (max)** | 180 - 250 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction and Material * **Core Material:** Ceramic. This provides excellent thermal stability and a high Self-Resonant Frequency compared to ferrite cores. * **Winding:** Precision wire-wound construction ensures tight tolerance and low parasitic capacitance. * **Termination:** Usually gold-plated or tin-plated over nickel barrier to ensure good solderability and prevent leaching. --- ### 4. Typical Applications The R91 (910 nH) value is relatively high for the 1008 ceramic series, making it suitable for: 1. **RF Filtering:** Low-pass or band-pass filters in wireless communication. 2. **Impedance Matching:** Used in antenna circuits to match the impedance of the power amplifier. 3. **Oscillators:** Serving as a frequency-determining element in VCOs (Voltage Controlled Oscillators). 4. **Decoupling:** Filtering high-frequency noise in sensitive RF signal lines. --- ### 5. Design Considerations * **SRF Warning:** The Self-Resonant Frequency is approximately 250-300 MHz. Do not use this part in circuits operating near or above this frequency, as the inductor will behave like a capacitor. * **Current Derating:** If operating in high-temperature environments (above 85°C), the rated current should be derated according to the manufacturer's curve to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core for this specific inductance value?
    • ⤷ How does the Q-factor affect the performance of this inductor in an RF filter?
    • ⤷ Can you provide the physical dimensions in millimeters for the 1008 package?