SML-R13PWT87P
AI

The **SML-R13PWT87P** is a high-brightness, surface-mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It is part of the SML-R1 series, known for its compact size and high reliability in automotive and industrial applications.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | ROHM Semiconductor |
| **Color** | Green |
| **Package Size** | 1608 (0603 inch) |
| **Dimensions** | 1.6 x 0.8 x 0.6 mm |
| **Luminous Intensity** | 45 mcd (typical) |
| **Forward Voltage ($V_F$)** | 2.2 V (typical) |
| **Forward Current ($I_F$)** | 20 mA |
| **Peak Wavelength** | 560 nm (Yellowish-Green) |
| **Operating Temperature** | -40°C to +85°C |
| **Lens Type** | Transparent / Milky White |
---
## 2. Key Electronic Features
### A. Material Composition
The LED utilizes **GaP (Gallium Phosphide)** on a GaP substrate. This technology is standard for green and yellow-green spectrum LEDs, offering a balance between cost-efficiency and brightness.
### B. Footprint and Packaging
* **0603 Form Factor:** The "1608" metric (1.6mm x 0.8mm) makes it ideal for high-density circuit boards.
* **Low Profile:** With a height of only 0.6mm, it is suitable for backlighting in thin devices.
### C. Electrical Polarity
The component features a specific marking (usually a notch or a colored line on the underside) to indicate the **Cathode** terminal, ensuring correct orientation during automated assembly.
---
## 3. Practical Applications
The SML-R13PWT87P is commonly integrated into the following systems:
1. **Automotive:** Dashboard indicators, button backlighting, and interior accent lighting.
2. **Consumer Electronics:** Battery status indicators, power LEDs for mobile devices.
3. **Industrial:** Status lamps on PLCs (Programmable Logic Controllers) and network switches.
---
## 4. Soldering Reference
The part is designed for reflow soldering. Below is a simplified representation of the recommended profile:
```text
Preheat: 150°C to 180°C (60-120 sec)
Peak Temp: 260°C (Max)
Soldering Time: 10 sec (Max at Peak)
```
- ⤷
What are the alternative colors available in the ROHM SML-R13 series?
- ⤷ Can this LED be driven by a 3.3V logic signal without a resistor?
- ⤷ What is the maximum power dissipation for the SML-R13PWT87P?