Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMM02040B3JB1

  • AI
    The **SMM02040B3JB1** is a high-reliability, automotive-grade **Mini-MELF** (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. It is widely recognized for its stability and robustness in harsh environments compared to standard thick-film chip resistors. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics for this specific part number: | Parameter | Specification | | :--- | :--- | | **Series** | SMM0204 | | **Resistance Value** | 3.3 $\Omega$ | | **Tolerance** | ± 5% (Code: J) | | **Power Rating** | 0.25 W (1/4 Watt) | | **Temperature Coefficient** | ± 100 ppm/K (Code: B) | | **Operating Voltage** | 200 V | | **Operating Temperature** | -55°C to +155°C | | **Case Size** | 0204 (Mini-MELF) | --- ### 2. Key Features * **MELF Technology:** The cylindrical shape provides superior heat dissipation and mechanical strength against board flexure. * **AEC-Q200 Qualified:** This component is tested for automotive industry standards, ensuring high reliability under vibration and thermal shock. * **Pulse Handling:** Due to the carbon/metal film construction on a high-grade ceramic body, it handles pulse loads much better than standard flat chip resistors. * **Sulfur Resistance:** It offers excellent resistance to aggressive environmental conditions (H2S). --- ### 3. Part Number Breakdown The nomenclature **SMM02040B3JB1** can be decoded as follows: | Segment | Meaning | | :--- | :--- | | **SMM0204** | Series and Size (Mini-MELF) | | **0** | Placeholder/Standard version | | **B** | Temperature Coefficient (± 100 ppm/K) | | **3** | Resistance Multiplier/Base | | **J** | Tolerance (± 5%) | | **B1** | Packaging Code (typically Bulk or specialized T/R) | --- ### 4. Common Applications * **Automotive Electronics:** Engine control units, lighting systems, and safety sensors. * **Industrial Power Supplies:** Used in circuits requiring high stability over long periods. * **Telecommunications:** Signal processing where thermal noise must be minimized. * **Measurement Equipment:** High-precision scales and monitoring devices.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of MELF resistors over standard SMD flat chip resistors?
    • ⤷ Can you explain the pulse load capability of the SMM0204 series?
    • ⤷ How does the AEC-Q200 qualification impact the testing process for this part?