Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMP-R010-1.0

  • AI
    ### SMP-R010-1.0 Technical Overview The **SMP-R010-1.0** is a high-precision, surface-mount **current sense resistor** (also known as a shunt resistor). It is designed for power management applications where measuring current flow with high accuracy and minimal power loss is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.010 $\Omega$ (10 m$\Omega$) | The ohmic value of the resistor. | | **Tolerance** | $\pm$ 1.0% | The allowable deviation from the nominal resistance. | | **Power Rating** | 2.0 Watts (typical) | Maximum power dissipation at $70^\circ C$. | | **Temperature Coefficient** | $\pm$ 50 ppm/K | Stability of resistance over temperature changes. | | **Technology** | Metal Foil / Manganin | High-stability alloy used for the resistive element. | | **Package Type** | SMD (Surface Mount) | Specifically the "SMP" footprint (often 2010 or 2817 equivalent). | --- ### 2. Physical Construction and Design The "SMP" series typically utilizes a **Metal Plate** construction. Unlike standard thick-film resistors, these are carved from a solid piece of metal alloy. * **Low Inductance:** The flat metal plate design ensures very low self-inductance, making it ideal for high-frequency switching power supplies. * **Heat Dissipation:** The large contact surfaces allow for efficient heat transfer to the PCB (Printed Circuit Board). * **AEC-Q200 Compliance:** Most parts in this category are qualified for automotive use, ensuring high reliability under vibration and thermal shock. --- ### 3. Common Applications Due to its low resistance (10m$\Omega$), this part is primarily used for **Current Sensing**: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Controllers:** Sensing phase currents to regulate torque and speed. 4. **Over-current Protection:** Triggering safety shutdowns when current exceeds a specific threshold. --- ### 4. Calculation Example If you pass **5 Amperes** through the SMP-R010-1.0: * **Voltage Drop ($V = I \times R$):** $5A \times 0.010\Omega = 50mV$. * **Power Dissipation ($P = I^2 \times R$):** $5^2 \times 0.010 = 0.25W$. *Since 0.25W is well below the 2.0W rating, the component will operate safely with minimal self-heating.*
    ✨ Follow-up Questions
    • ⤷What is the difference between this metal plate resistor and a standard thick-film resistor?
    • ⤷ How does temperature affect the accuracy of the 10mOhm resistance?
    • ⤷ Are there 4-terminal (Kelvin) versions of this resistor for higher accuracy?