Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMR-R

  • AI
    The **SMR-R** (likely referring to the **Samsung Galaxy Buds2 Pro** model number SM-R510 or similar wearable devices in the SM-R series) consists of highly miniaturized, sophisticated electronic components designed for high-fidelity audio, sensor integration, and wireless communication. Below is an overview of the core electronic architecture typically found in these devices. --- ## 1. Core Electronic Components The hardware is divided into several functional blocks integrated into a multi-layered PCB (Printed Circuit Board) using System-in-Package (SiP) technology. ### A. Integrated Circuits (ICs) | Component Type | Function | Common Examples | | :--- | :--- | :--- | | **SoC / Bluetooth IC** | Manages Bluetooth 5.3 connectivity, audio processing, and codec handling (SSC, AAC, SBC). | BES (Beken) or Broadcom chips | | **PMIC** | Power Management IC handles charging, voltage regulation, and battery protection. | Samsung proprietary PMIC | | **DSP** | Digital Signal Processor for Active Noise Cancellation (ANC) and Ambient Sound. | Integrated within the SoC | ### B. Sensor Array These parts allow the device to interact with the user and the environment: * **VPU (Voice Pickup Unit):** A bone conduction sensor that detects jaw vibrations to isolate your voice from background noise. * **Proximity Sensor:** Usually infrared (IR), used to detect if the bud is in the ear to auto-pause music. * **Hall Sensor:** Detects the magnetic field of the charging case to trigger sleep/wake modes. * **IMU (Inertial Measurement Unit):** An accelerometer and gyroscope used for **360 Audio** (head tracking). --- ## 2. Audio & Transducers The SMR-R series uses a specialized speaker arrangement to maintain a small footprint while delivering high-quality sound. 1. **Dual Drivers:** * **Woofer:** Large diaphragm for low-frequency response (bass). * **Tweeter:** Smaller driver for crisp high-frequency response (treble). 2. **Microphone Array:** * **Outer Mics:** Two High-SNR (Signal-to-Noise Ratio) microphones to pick up ambient noise for cancellation. * **Inner Mic:** One internal microphone to monitor the sound inside the ear canal for feedback ANC. --- ## 3. Power System Because space is limited, the power components are highly optimized: * **Battery:** Lithium-ion coin cells (typically around 58mAh to 61mAh per earbud). * **Charging Interface:** Gold-plated pogo pin connectors for DC charging from the case. * **FPCB (Flexible Printed Circuit Board):** Used to connect the battery and microphones to the main board, allowing the components to fit the curved interior of the shell. --- ## 4. Signal Path Diagram ```mermaid graph LR A[Bluetooth Antenna] --> B[SoC/Processor] B --> C[DAC - Digital to Analog Converter] C --> D[Amplifier] D --> E[Dual Drivers] F[Microphones] --> B G[Sensors/IMU] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the role of the VPU in the SMR-R communication system?
    • ⤷ How does the Head Tracking sensor interact with the mobile software?
    • ⤷ What are the common failure points in the FPCB of these earbuds?