Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SMS-1508MS-R

  • AI
    ### Overview of the SMS-1508MS-R The **SMS-1508MS-R** is a high-performance, surface-mount (SMD) miniature speaker component. It is commonly utilized in compact electronic devices where space is limited but clear audio output is required. --- ### Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the SMS-1508MS-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Dynamic Speaker | | **Dimensions** | 15mm x 8mm x 2.5mm | | **Impedance** | 8 Ω ± 15% | | **Rated Power** | 0.5 Watts | | **Maximum Power** | 0.8 Watts | | **Sound Pressure Level (SPL)** | 87 ± 3 dB (at 0.1W/0.1m) | | **Resonant Frequency (Fo)** | 850 Hz ± 20% | | **Frequency Range** | 850 Hz ~ 20,000 Hz | | **Mounting Type** | Surface Mount Device (SMD) | --- ### Internal Electronic Components The SMS-1508MS-R operates as a **Permanent Magnet Dynamic Loudspeaker**. Its internal construction consists of several key parts: 1. **Voice Coil:** A fine copper wire coil that receives the electrical audio signal. 2. **Permanent Magnet:** Usually a high-energy Neodymium (NdFeB) magnet that provides a stationary magnetic field. 3. **Diaphragm:** Typically made of Mylar (polyethylene terephthalate) or a similar polymer, which vibrates to move air and create sound waves. 4. **Frame/Housing:** A plastic heat-resistant casing designed to withstand the high temperatures of reflow soldering. 5. **SMD Contacts:** Gold-plated solder pads located on the bottom of the unit for direct PCB integration. --- ### Application Usage Because of its ultra-thin profile (2.5mm), this speaker is frequently found in: * **Smartphones and Tablets:** For notification sounds or speakerphone functions. * **Medical Devices:** Handheld monitors and diagnostic tools. * **IoT Devices:** Smart home controllers and security sensors. * **Portable POS Terminals:** For transaction confirmations and alerts. --- ### Soldering and Handling As an **SMD component**, it is designed for automated assembly. It typically follows a standard Lead-Free (RoHS) reflow profile. * **Sensitivity:** The diaphragm is sensitive to air pressure; vacuum nozzles used in "pick and place" machines should be adjusted to avoid damaging the internal membrane.
    ✨ Follow-up Questions
    • ⤷ What is the recommended reflow soldering temperature for the SMS-1508MS-R?
    • ⤷ How does the 850 Hz resonant frequency affect the audio quality?
    • ⤷ Are there waterproof versions of this specific SMD speaker?